Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

334-15-T2C2-6TVB Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 334-15-T2C2-6TVB
Description  Popular T-1 3/4 round package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

334-15-T2C2-6TVB Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 334-15-T2C2-6TVB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 334-15-T2C2-6TVB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 334-15-T2C2-6TVB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 334-15-T2C2-6TVB Datasheet HTML 7Page - Everlight Electronics Co., Ltd 334-15-T2C2-6TVB Datasheet HTML 8Page - Everlight Electronics Co., Ltd 334-15-T2C2-6TVB Datasheet HTML 9Page - Everlight Electronics Co., Ltd 334-15-T2C2-6TVB Datasheet HTML 10Page - Everlight Electronics Co., Ltd 334-15-T2C2-6TVB Datasheet HTML 11Page - Everlight Electronics Co., Ltd 334-15-T2C2-6TVB Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LifecyclePhase:Preliminary
LifecyclePhase:
Revision
: (1)
Expired Period: Forever
Release Date:
Technical Data Sheet
334-15/T2C2-6TVB
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev:
1
Page: 9 of 9
Device Number: DLE-0000346
Established date:11-19-2008
Established by: Ruby Lin
Notes
1. Lead Forming
During lead formation, the leads should be bent at a point at least 3mm from the base of the
epoxy bulb.
Lead forming should be done before soldering.
Avoid stressing the LED package during leads forming. The stress to the base may damage
the LED’s characteristics or it may break the LEDs.
Cut the LED leadframes at room temperature. Cutting the leadframes at high temperatures
may cause failure of the LEDs.
When mounting the LEDs onto a PCB, the PCB holes must be aligned exactly with the lead
position of the LED. If the LEDs are mounted with stress at the leads, it causes deterioration
of the epoxy resin and this will degrade the LEDs.
2. Storage
The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from
Everlight and the storage life limits are 3 months. If the LEDs are stored for 3 months or
more, they can be stored for a year in a sealed container with a nitrogen atmosphere and
moisture absorbent material.
Please avoid rapid transitions in ambient temperature, especially, in high humidity
environments where condensation can occur.
3. Soldering
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to epoxy bulb, and soldering beyond the base of the tie bar is
recommended.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of
iron
300
Max.
(30W
Max.)
Preheat temp.
100
Max.
(60 sec
Max.)
Soldering time
3 sec Max.
Bath temp. & time
260 Max., 5 sec Max
Distance
3mm Min.(From
solder joint to
epoxy bulb)
Distance
3mm Min. (From
solder joint to epoxy
bulb)


Similar Part No. - 334-15-T2C2-6TVB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T2C2-1TVB EVERLIGHT-334-15-T2C2-1TVB Datasheet
253Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C2-1TVB EVERLIGHT-334-15-T2C2-1TVB Datasheet
301Kb / 11P
   LAMP
More results

Similar Description - 334-15-T2C2-6TVB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com