Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6206D Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM6206D
Description  32K x 8 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6206D Datasheet(HTML) 6 Page - Motorola, Inc

  MCM6206D Datasheet HTML 1Page - Motorola, Inc MCM6206D Datasheet HTML 2Page - Motorola, Inc MCM6206D Datasheet HTML 3Page - Motorola, Inc MCM6206D Datasheet HTML 4Page - Motorola, Inc MCM6206D Datasheet HTML 5Page - Motorola, Inc MCM6206D Datasheet HTML 6Page - Motorola, Inc MCM6206D Datasheet HTML 7Page - Motorola, Inc MCM6206D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MCM6206D
6
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled, See Note 1)
– 12
– 15
– 20
– 25
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
12
15
20
25
ns
Address Setup Time
tAVEL
0
0
0
0
ns
Address Valid to End of Write
tAVEH
10
12
15
20
ns
Enable to End of Write
tELEH,
tELWH
9
10
12
15
ns
3,4
Data Valid to End of Write
tDVEH
6
7
8
10
ns
Data Hold Time
tEHDX
0
0
0
0
ns
Write Recovery Time
tEHAX
0
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. All timings are referenced from the last valid address to the first transitioning address.
3. If E goes low coincident with or after W goes low, the output will remain in a high impedance state.
4. If E goes high coincident with or before W goes high, the output will remain in a high impedance state.
WRITE CYCLE 2 (E Controlled, See Note 1)
tWLEH
tEHDX
tDVEH
tEHAX
tELWH
tELEH
tAVEL
tAVEH
DATA VALID
tAVAV
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)
ORDERING INFORMATION
(Order by Full Part Number)
Motorola Memory Prefix
Part Number
Package (P = 300 mil Plastic DIP, J = 300 mil SOJ)
Shipping Method (R2 = Tape and Reel, Blank = Rails)
Speed (12 = 12 ns, 15 = 15 ns, 20 = 20 ns,
25 = 25 ns)
MCM
6206D X
XX
XX
Full Part Numbers — MCM6206DP12
MCM6206DJ12
MCM6206DJ12R2
MCM6206DP15
MCM6206DJ15
MCM6206DJ15R2
MCM6206DP20
MCM6206DJ20
MCM6206DJ20R2
MCM6206DP25
MCM6206DJ25
MCM6206DJ25R2


Similar Part No. - MCM6206D

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
logo
Motorola, Inc
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12 MOTOROLA-MCM6206BBEJ12 Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12R MOTOROLA-MCM6206BBEJ12R Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6206D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
List of Unclassifed Man...
PDM41256 ETC-PDM41256 Datasheet
73Kb / 8P
   256K Static RAM 32K x 8-Bit
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com