Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

334-15-X2C1-1UWB Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 334-15-X2C1-1UWB
Description  Popular T-1 3/4 round package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

334-15-X2C1-1UWB Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  334-15-X2C1-1UWB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 334-15-X2C1-1UWB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 334-15-X2C1-1UWB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 334-15-X2C1-1UWB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 334-15-X2C1-1UWB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 334-15-X2C1-1UWB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 334-15-X2C1-1UWB Datasheet HTML 7Page - Everlight Electronics Co., Ltd 334-15-X2C1-1UWB Datasheet HTML 8Page - Everlight Electronics Co., Ltd 334-15-X2C1-1UWB Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LifecyclePhase:Preliminary
LifecyclePhase:
Revision
: (2)
Expired Period: Forever
Release Date:
Technical Data Sheet
334-15/X2C1-1UWB
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 3 of 12
Device NumberDLE-0000397
Established date:11-20-2008
Established by: Ruby Lin
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
30
mA
Peak Forward Current(Duty /10 @ 1KHZ)
IFP
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering Temperature (T=5 sec)
Tsol
260
Power Dissipation
Pd
100
mW
Zener Reverse Current
Iz
100
mA
Electrostatic Discharge
ESD
4K
V


Similar Part No. - 334-15-X2C1-1UWB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-X2C1-4UWA EVERLIGHT-334-15-X2C1-4UWA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - 334-15-X2C1-1UWB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com