Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

339-1UYSYGW-S530-A3 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 339-1UYSYGW-S530-A3
Description  5.0mm Multi-Color Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

339-1UYSYGW-S530-A3 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  339-1UYSYGW-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 339-1UYSYGW-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 339-1UYSYGW-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 339-1UYSYGW-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 339-1UYSYGW-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 339-1UYSYGW-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 339-1UYSYGW-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Technical Data Sheet
5.0mm Multi-Color Round Type LED Lamps
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Sample
Size
Failure
Judgment
Criteria
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
76 PCS
5
Low Temperature Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
7
High Temperature / High
Humidity
85℃ / 85% RH
76 PCS
Note: Ivt:To test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page:
6 of 7
Device Number :
CDLE-033-1469
Prepared date:
Prepared by:
Jin Mei Feng
10 SEC
Iv≦Ivt*0.5
or
Vf≧U
or
Vf≦L
0/1
300 CYCLES
0/1
300 CYCLES
0/1
1000 HRS
6
DC Operating Life
1000 HRS
76 PCS
IF = 20mA
339-1UYSYGW/S530-A3
1000 HRS
0/1
2005/6/10
0/1
1000 HRS
0/1
0/1
Test
Hours/Cycle
Ac/Re


Similar Part No. - 339-1UYSYGW-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
339-1UYSYGW-S530-A3 EVERLIGHT-339-1UYSYGW-S530-A3 Datasheet
131Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
More results

Similar Description - 339-1UYSYGW-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
339-1SURSYGW EVERLIGHT-339-1SURSYGW Datasheet
146Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
339-1UYSYGW-S530-A3 EVERLIGHT-339-1UYSYGW-S530-A3 Datasheet
131Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
336SURSYGW-S530-A3 EVERLIGHT-336SURSYGW-S530-A3 Datasheet
197Kb / 8P
   5.0mm Multi-Color Round Type LED Lamps
339-1UYUBW-S530-A4 EVERLIGHT-339-1UYUBW-S530-A4 Datasheet
144Kb / 8P
   5.0mm Multi-Color Round Type LED Lamps
logo
List of Unclassifed Man...
336EGW ETC-336EGW Datasheet
126Kb / 7P
   5.0MM MULTI COLOR ROUND TYPE LED LAMPS
logo
Everlight Electronics C...
336SDRSYGW EVERLIGHT-336SDRSYGW Datasheet
131Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
336SURSYGW-S530-A3 EVERLIGHT-336SURSYGW-S530-A3 Datasheet
197Kb / 8P
   5.0mm Multi-Color Round Type LED Lamps
339-1UYUBW-S530-A4 EVERLIGHT-339-1UYUBW-S530-A4 Datasheet
144Kb / 8P
   5.0mm Multi-Color Round Type LED Lamps
336VYVGW EVERLIGHT-336VYVGW Datasheet
129Kb / 5P
   5.0mm Multi-Color Round Type LED Lamps
336SURSYGW EVERLIGHT-336SURSYGW Datasheet
133Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com