Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB504MDS-TL-H Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BB504MDS-TL-H
Description  Built in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB504MDS-TL-H Datasheet(HTML) 1 Page - Renesas Technology Corp

  BB504MDS-TL-H Datasheet HTML 1Page - Renesas Technology Corp BB504MDS-TL-H Datasheet HTML 2Page - Renesas Technology Corp BB504MDS-TL-H Datasheet HTML 3Page - Renesas Technology Corp BB504MDS-TL-H Datasheet HTML 4Page - Renesas Technology Corp BB504MDS-TL-H Datasheet HTML 5Page - Renesas Technology Corp BB504MDS-TL-H Datasheet HTML 6Page - Renesas Technology Corp BB504MDS-TL-H Datasheet HTML 7Page - Renesas Technology Corp BB504MDS-TL-H Datasheet HTML 8Page - Renesas Technology Corp BB504MDS-TL-H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R07DS0286EJ0800 Rev.8.00
Page 1 of 9
Mar 28, 2011
Preliminary Datasheet
BB504M
Built in Biasing Circuit MOS FET IC
VHF&UHF RF Amplifier
Features
• Built in Biasing Circuit; To reduce using parts cost & PC board space.
• Low noise; NF = 1.0 dB typ. at f = 200 MHz, NF = 1.75 dB typ. at f =900 MHz
• High gain; PG = 30 dB typ. at f = 200 MHz, PG = 22 dB typ. at f = 900 MHz
• Withstanding to ESD;
Built in ESD absorbing diode. Withstand up to 200 V at C = 200 pF, Rs = 0 conditions.
• Provide mini mold packages; MPAK-4 (SOT-143Rmod)
Outline
RENESAS Package code: PLSP0004ZA-A
(Package name: MPAK-4)
1
4
3
2
1. Source
2. Gate1
3. Gate2
4. Drain
Notes:
1.
Marking is “DS–”.
2.
BB504M is individual type number of RENESAS BBFET.
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDS
6
V
Gate1 to source voltage
VG1S
+6
–0
V
Gate2 to source voltage
VG2S
+6
–0
V
Drain current
ID
30
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
R07DS0286EJ0800
(Previous: REJ03G0837-0700)
Rev.8.00
Mar 28, 2011


Similar Part No. - BB504MDS-TL-H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB504M RENESAS-BB504M Datasheet
100Kb / 10P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
More results

Similar Description - BB504MDS-TL-H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB305M RENESAS-BB305M Datasheet
212Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB504C RENESAS-BB504C Datasheet
215Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
TBB1005 RENESAS-TBB1005_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_15 Datasheet
225Kb / 15P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1004 RENESAS-TBB1004_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1017 RENESAS-TBB1017 Datasheet
238Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1005 RENESAS-TBB1005 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1002 RENESAS-TBB1002_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_11 Datasheet
166Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1002 RENESAS-TBB1002_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com