Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702X165 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702X165
Description  HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702X165 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702X165 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702X165 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702X165 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702X165 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BXY 44P
Semiconductor Group
2
Draft A02 1998-04-01
Electrical Characteristics
1)
DR
F [%] = 100 ´ (RF_Diode2 - RF_Diode1)/RF_Diode1
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Reverse current 1
V
R1 = 200 V
I
R1
--
100
nA
Reverse current 2
V
R2 = 100 V
I
R2
--
5nA
Forward voltage
I
F = 100 mA
V
F
-
1.0
1.05
V
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Total capacitance
V
R = 50 V, f = 1 MHz
C
T
-
0.50
0.75
pF
Forward resistance
f = 100 MHz, I
F1 = 10 mA
R
F1
700
900
1200
W
Forward resistance
f = 100 MHz, I
F2 = 1 mA
R
F2
11
20
27
W
Forward resistance
f = 100 MHz, I
F3 = 10 mA
R
F3
2.0
3.8
5.0
W
Minority carrier lifetime
I
F = 10 mA, IR = 6 mA, IR = 3 mA
t
L
300
800
-
ns
Table 4
Matching Requirements at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Difference in forward resistance 2
1) R
F2
--
15
%
Difference in forward resistance 3
1) R
F3
--
15
%


Similar Part No. - Q62702X165

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A0042 SIEMENS-Q62702-A0042 Datasheet
46Kb / 2P
   Silicon Crossover Ring Quad Schottky Diode
Q62702-A0043 SIEMENS-Q62702-A0043 Datasheet
47Kb / 2P
   Silicon Crossover Ring Quad Schottky Diode (Low barrier diode for double balanced mixers, phase detectors and modulators)
Q62702-A0062 SIEMENS-Q62702-A0062 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
Q62702-A0960 SIEMENS-Q62702-A0960 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
Q62702-A1004 SIEMENS-Q62702-A1004 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
More results

Similar Description - Q62702X165

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com