Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR4AS-16LH-1-B00 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR4AS-16LH-1-B00
Description  Triac Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR4AS-16LH-1-B00 Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR4AS-16LH-1-B00 Datasheet HTML 1Page - Renesas Technology Corp BCR4AS-16LH-1-B00 Datasheet HTML 2Page - Renesas Technology Corp BCR4AS-16LH-1-B00 Datasheet HTML 3Page - Renesas Technology Corp BCR4AS-16LH-1-B00 Datasheet HTML 4Page - Renesas Technology Corp BCR4AS-16LH-1-B00 Datasheet HTML 5Page - Renesas Technology Corp BCR4AS-16LH-1-B00 Datasheet HTML 6Page - Renesas Technology Corp BCR4AS-16LH-1-B00 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCR4AS-16LH
Preliminary
R07DS0331EJ0100 Rev.1.00
Page 2 of 6
Apr 28, 2011
Electrical Characteristics
Parameter
Symbol
BCR4AS-16LH-1
(IGT item : 1)
BCR4AS-16LH
Unit
Test conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Repetitive peak off-state current
IDRM
2.0
2.0
mA
Tj = 150
°C
VDRM applied
On-state voltage
VTM
1.6
1.6
V
Tc = 25
°C, I
TM = 6 A
instantaneous
measurement
Ι
VFGTΙ
1.5
1.5
V
ΙΙ
VRGTΙ
1.5
1.5
V
Gate trigger voltage
Note2
ΙΙΙ
VRGTΙΙΙ
1.5
1.5
V
Tj = 25
°C, V
D = 6 V
RL = 6 Ω, RG = 330 Ω
Ι
IFGTΙ
10
35
mA
ΙΙ
IRGTΙ
10
35
mA
Gate trigger curent
Note2
ΙΙΙ
IRGTΙΙΙ
10
35
mA
Tj = 25
°C, V
D = 6 V
RL = 6 Ω, RG = 330 Ω
Gate non-trigger voltage
VGD
0.2
0.2
V
Tj = 125
°C
VD = 1/2 VDRM
0.1
0.1
V
Tj = 150
°C
VD = 1/2 VDRM
Thermal resistance
Rth (j-c)
3.8
3.8
°C/W Junction to case
Note3
Critical-rate of decay of on-state
commutating current
Note4
(di/dt)c
2.5
A/ms
Tj = 125
°C
(dv/dt)c < 10 V/
μs
3.0
A/ms
Tj = 125
°C
(dv/dt)c < 100 V/
μs
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. Case temperature is measured on the T2 tab.
4. Test conditions of the critical-rate of decay of on-state commutating current is shown in the table below.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
°C
2. Peak off-state voltage
VD = 400 V
2. Rate of rise of off-state commutating voltage
(dv/dt)c < 10 V/
μs (I
GT item : 1)
(dv/dt)c < 100 V/
μs
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR4AS-16LH-1-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR4AS-16LH RENESAS-BCR4AS-16LH_15 Datasheet
116Kb / 7P
   Triac Medium Power Use
More results

Similar Description - BCR4AS-16LH-1-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com