Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR4AS-16LH-T13-B00 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR4AS-16LH-T13-B00
Description  Triac Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR4AS-16LH-T13-B00 Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR4AS-16LH-T13-B00 Datasheet HTML 1Page - Renesas Technology Corp BCR4AS-16LH-T13-B00 Datasheet HTML 2Page - Renesas Technology Corp BCR4AS-16LH-T13-B00 Datasheet HTML 3Page - Renesas Technology Corp BCR4AS-16LH-T13-B00 Datasheet HTML 4Page - Renesas Technology Corp BCR4AS-16LH-T13-B00 Datasheet HTML 5Page - Renesas Technology Corp BCR4AS-16LH-T13-B00 Datasheet HTML 6Page - Renesas Technology Corp BCR4AS-16LH-T13-B00 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BCR4AS-16LH
Preliminary
R07DS0331EJ0100 Rev.1.00
Page 6 of 6
Apr 28, 2011
Package Dimensions
SC-63
0.32g
MASS[Typ.]
TMP3
PRSS0004ZG-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
0.5 ± 0.2
0.1 ± 0.1
0.5 ± 0.2
0.76
0.76 ± 0.2
2.3 ± 0.2
5.3 ± 0.2
6.6
2.3
Package Name
MP-3A
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
BCR4AS-16LH#B00
Tube
75 pcs.
BCR4AS-16LH-1#B00
Tube
75 pcs.
IGT item1
BCR4AS-16LH-T13#B00
Embossed Tape
3000 pcs.
Taping direction “T1”
BCR4AS-16LH-1T13#B00
Embossed Tape
3000 pcs.
Taping direction “T1”, IGT item1
Note:
Please confirm the specification about the shipping in detail.


Similar Part No. - BCR4AS-16LH-T13-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR4AS-16LH RENESAS-BCR4AS-16LH_15 Datasheet
116Kb / 7P
   Triac Medium Power Use
More results

Similar Description - BCR4AS-16LH-T13-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com