Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HITK0303MP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HITK0303MP
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HITK0303MP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HITK0303MP Datasheet HTML 1Page - Renesas Technology Corp HITK0303MP Datasheet HTML 2Page - Renesas Technology Corp HITK0303MP Datasheet HTML 3Page - Renesas Technology Corp HITK0303MP Datasheet HTML 4Page - Renesas Technology Corp HITK0303MP Datasheet HTML 5Page - Renesas Technology Corp HITK0303MP Datasheet HTML 6Page - Renesas Technology Corp HITK0303MP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HITK0303MP
Preliminary
R07DS0484EJ0100 Rev.1.00
Page 5 of 6
Jun 22, 2011
Dynamic Input Characteristics
Gate Charge Qg (nC)
Switching Characteristics
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
Input Capacitance vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Reverse Drain Current vs.
Source to Drain Voltage
Source to Drain Voltage VSD (V)
Body-Drain Diode Forward Voltage vs.
Case Temperature
Case Temperature Tc (
°C)
Drain Current ID (A)
80
16
02
4
6
8
10
100
60
20
40
20
12
8
4
0
5
10
15
20
25
30
10
100
1000
600
650
700
750
800
–10
–5
0
5
10
VDS = 0 V
f = 1 MHz
0
0.8
0.4
1.2
1.6
2.0
3
5
4
2
1
0
0.9
0.3
0.4
0.7
0.5
0.6
0.8
–25
0
25
50
75
100 125 150
ID = 3.7 A
Tc = 25°C
VDD =10 V
VDD = 25 V
VDS
VGS
10 V
25 V
0 V, –5 V, –10 V
Pulse Test
Tc = 25°C
VGS = 10 V
5 V
1 mA
ID = 10 mA
VGS = 0
Ciss
Coss
Crss
0
0
VGS = 0 V
f = 1 MHz
1
10
100
1000
0.01
0.1
1
10
td(on)
tr
tf
td(off)
VDD = 10 V
VGS = 10 V
Rg = 4.7
Ω
PW = 5
μs
Tc = 25°C


Similar Part No. - HITK0303MP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITK0303MPTL-HQ RENESAS-HITK0303MPTL-HQ Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - HITK0303MP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com