Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP110N055PUK-E1-AY Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP110N055PUK-E1-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP110N055PUK-E1-AY Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP110N055PUK-E1-AY Datasheet HTML 1Page - Renesas Technology Corp NP110N055PUK-E1-AY Datasheet HTML 2Page - Renesas Technology Corp NP110N055PUK-E1-AY Datasheet HTML 3Page - Renesas Technology Corp NP110N055PUK-E1-AY Datasheet HTML 4Page - Renesas Technology Corp NP110N055PUK-E1-AY Datasheet HTML 5Page - Renesas Technology Corp NP110N055PUK-E1-AY Datasheet HTML 6Page - Renesas Technology Corp NP110N055PUK-E1-AY Datasheet HTML 7Page - Renesas Technology Corp NP110N055PUK-E1-AY Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NP110N055PUK
R07DS0591EJ0100 Rev.1.00
Page 5 of 6
Dec 12, 2011
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
100
1000
100000
10000
0.1
1
10
100
VDS - Drain to Source Voltage - V
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
10
100
1000
0.1
1
10
1000
100
IF - Drain Current - A
SWITCHING CHARACTERISTICS
1
10
100
10000
1000
0.1
1
10
1000
100
ID - Drain Current - A
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0
5
10
15
20
25
30
35
45
40
55
50
0
20 40 60 80
120
200
160
100
180
140
QG- Gate Charge - nC
0
2
4
6
8
10
1
3
5
7
9
11
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1.0
1.2
VF(S-D) - Source to Drain Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
–100
–50
0
50
100
150
200
Tch - Channel Temperature - °C
0
2
4
1
3
VDD = 28 V
VGS = 10 V
RG = 0 Ω
td(off)
td(on)
tr
tf
ID = 110 A
VGS
VDS
di/dt = 100 A/
μs
VGS = 0 V
VGS = 10 V
VGS = 0 V
Pulsed
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDD = 44 V
28 V
11 V
VGS = 10 V
ID = 55 A
Pulsed


Similar Part No. - NP110N055PUK-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP110N055PUK-E1-AY RENESAS-NP110N055PUK-E1-AY Datasheet
267Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
May 24, 2018
NP110N055PUK-E1-AY*1 RENESAS-NP110N055PUK-E1-AY*1 Datasheet
122Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP110N055PUK-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com