Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C504-L24M Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SAB-C504-L24M
Description  8-Bit CMOS Microcontroller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C504-L24M Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SAB-C504-L24M Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C504-L24M Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C504-L24M Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C504-L24M Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C504-L24M Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C504-L24M Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C504-L24M Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C504-L24M Datasheet HTML 12Page - Siemens Semiconductor Group SAB-C504-L24M Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Semiconductor Group
9
C504
XTAL2
14
XTAL2
Output of the inverting oscillator amplifier.
XTAL1
15
XTAL1
Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
To drive the device from an external clock source, XTAL1
should be driven, while XTAL2 is left unconnected. There
are no requirements on the duty cycle of the external clock
signal, since the input to the internal clocking circuitry is
divided down by a divide-by-two flip-flop. Minimum and
maximum high and low times as well as rise/fall times
specified in the AC characteristics must be observed.
P2.0-P2.7
18-25
I/O
Port 2
is a bidirectional I/O port with internal pullup resistors. Port
2 pins that have 1s written to them are pulled high by the
internal pullup resistors, and in that state can be used as
inputs. As inputs, port 2 pins being externally pulled low
will source current (
I
IL, in the DC characteris-tics) because
of the internal pullup resistors. Port 2 emits the high-order
address byte during fetches from external program
memory and during accesses to external data memory that
use 16-bit addresses (MOVX @DPTR). In this application
it uses strong internal pullup resistors when issuing 1s.
During accesses to external data memory that use 8-bit
addresses (MOVX @Ri), port 2 issues the contents of the
P2 special function register.
PSEN
26
O
The Program Store Enable
output is a control signal that enables the external program
memory to the bus during external fetch operations. It is
activated every six oscillator periodes except during
external data memory accesses. Remains high during
internal program execution.
ALE
27
O
The Address Latch Enable
output is used for latching the low-byte of the address into
external memory during normal operation. It is activated
every six oscillator periodes except during an external data
memory access. When instructions are executed from
internal ROM (EA=1) the ALE generation can be disabled
by bit EALE in SFR SYSCON.
*)
I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-44)
I/O
*)
Function


Similar Part No. - SAB-C504-L24M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C504 INFINEON-SAB-C504 Datasheet
1Mb / 71P
   8-Bit Single-Chip Microcontroller
May 2000
More results

Similar Description - SAB-C504-L24M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com