Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7383USRW-S1089-2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 7383USRW-S1089-2
Description  Popular T-1 3/4package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383USRW-S1089-2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  7383USRW-S1089-2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7383USRW-S1089-2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383USRW-S1089-2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383USRW-S1089-2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383USRW-S1089-2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383USRW-S1089-2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:53.0
Technical Data Sheet
7383USRW/S1089-2
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 2 of 6
Device Number : DLE-738-006
Prepared date: 04-07-2005
Prepared by: Grace Shen
Package Dimensions
Notes:
˙Other dimensions are in millimeters, tolerance is 0.25mm except being specified.
˙Protruded resin under flange is 1.5mm Max LED.
˙Bare copper alloy is exposed at tie-bar portion after cutting.
Absolute Maximum Rating (Ta=25℃)
Parameter
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
50
mA
Pulse Forward Current
(Duty1/10@ 1KHz)
IFP
100
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Electrostatic Discharge
ESD
2000
V
Soldering Temperature
Tsol
260 ±5
Power Dissipation
Pd
130
mW
Reverse Voltage
VR
5
V
Notes: Soldering time≦5 seconds.


Similar Part No. - 7383USRW-S1089-2

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7383 BITECH-7383 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Everlight Electronics C...
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
   Specially designed for applications
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
   Specially designed for applications
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
7383-R5C3-APSB EVERLIGHT-7383-R5C3-APSB Datasheet
108Kb / 8P
   Specially designed for applications
More results

Similar Description - 7383USRW-S1089-2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2USRC-S1060 EVERLIGHT-7343-2USRC-S1060 Datasheet
92Kb / 5P
   Popular T-1 3/4package.
7343-2UYC-S1060 EVERLIGHT-7343-2UYC-S1060 Datasheet
92Kb / 5P
   Popular T-1 3/4package
7343-2USRC-S1060 EVERLIGHT-7343-2USRC-S1060_04 Datasheet
92Kb / 5P
   Popular T-1 3/4package.
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com