Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2514L-1-F3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS2514L-1-F3
Description  HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2514L-1-F3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS2514L-1-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2514L-1-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2514L-1-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2514L-1-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2514L-1-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2514L-1-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2514L-1-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2514L-1-F3 Datasheet HTML 9Page - Renesas Technology Corp PS2514L-1-F3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PS2514-1,PS2514L-1e
R08DS0012EJ0100 Rev.1.00
Page 6 of 14
Mar 19, 2012
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
150
100
125
75
25
50
0
25
0
50
75
100
125
150
1.5 mW/
°C
150
25
50
75
100
125
150
100
100
10
1
0.1
0.01
75
50
25
0
−25
−50
VCE = 10 V
1.5 mW/
°C
20 V
40 V
Collector to Emitter Voltage VCE (V)
16
6
8
12
14
0
2
0
46
8
10
2
4
10
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
0.1
10
1
100
0
0.2
0.4
0.6
0.8
1
100
125
75
25
50
0
0
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
3 mA
3 mA
5 mA
5 mA
10 mA
10 mA
IF = 2 mA
IF = 2 mA
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
50
10
5
1
0.5
0.1
0
°C
–25
°C
–55
°C
+60
°C
+25
°C
TA = +100
°C
Remark The graphs indicate nominal characteristics.
<R>


Similar Part No. - PS2514L-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2514L-1-F3 CEL-PS2514L-1-F3 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2514L-1-F3 RENESAS-PS2514L-1-F3 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results

Similar Description - PS2514L-1-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com