Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9309L-E3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9309L-E3
Description  LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9309L-E3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9309L-E3 Datasheet HTML 1Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 2Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 3Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 4Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 5Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 6Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9309L, PS9309L2
Chapter Title
R08DS0047EJ0001 Rev.0.01
Page 4 of 12
Feb 20, 2012
ORDERING INFORMATION
Part Number
Order Number
Solder
Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number
*1
PS9309L
PS9309L-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9309L
PS9309L-E3
PS9309L-E3-AX
(Ni/Pd/Au)
Embossed Tape 2 000
(UL, CSA, SEMKO
pcs/reel
approved)
PS9309L2
PS9309L2-AX
20 pcs (Tape 20 pcs cut)
PS9309L2
PS9309L2-E3
PS9309L2-E3-AX
Embossed Tape 2 000
pcs/reel
PS9309L-V
PS9309L-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
PS9309L
PS9309L-V-E3
PS9309L-V-E3-AX
Embossed Tape 2 000
(VDE0884 Part2)
pcs/reel
approved (Option)
PS9309L2-V
PS9309L2-V-AX
20 pcs (Tape 20 pcs cut)
PS9309L2
PS9309L2-V-E3
PS9309L2-V-E3-AX
Embossed Tape 2 000
pcs/reel
Note: *1. For the application of the Safety Standard, following part number should be used.


Similar Part No. - PS9309L-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9309L-E3 CEL-PS9309L-E3 Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9309L-E3 RENESAS-PS9309L-E3 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L-E3-AX CEL-PS9309L-E3-AX Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9309L-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com