Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9309L-E3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9309L-E3
Description  LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9309L-E3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9309L-E3 Datasheet HTML 1Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 2Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 3Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 4Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 5Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 6Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9309L-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R08DS0047EJ0001 Rev.0.01
Page 1 of 12
Feb 20, 2012
Preliminary Data Sheet
Specifications in this document are tentative and subject to change.
PS9309L, PS9309L2
LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
DESCRIPTION
The PS9309L and PS9309L2 are optical coupled high-speed, totem pole output (active high output type) isolators
containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one
chip.
The PS9309L and PS9309L2 are specified high CMR and pulse width distortion with operating temperature. It is
suitable for IPM drive.
The PS9309L is lead bending type (Gull-wing) for surface mounting. The PS9309L2 is lead bending type for long
creepage distance (Gull-wing) for surface mount.
FEATURES
• High common mode transient immunity (CMH, CML = ±15 kV/
μs MIN.)
• Half size of 8-pin DIP
• Pulse width distortion (|tPLH − tPHL| = 80 ns MAX.)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• Totem pole output (Active High Output Type)
• Embossed tape product : PS9309L-E3, PS9309L2-E3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• SEMKO approved: No. 1115598
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40024069 (Option)
APPLICATIONS
• IPM Driver
• General purpose inverter
R08DS0047EJ0001
Rev.0.01
Feb 20, 2012
PIN CONNECTION
(Top View)
1. Anode
2. NC
3. Cathode
4. GND
5. VO
6. VCC
64
13
2
5


Similar Part No. - PS9309L-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9309L-E3 CEL-PS9309L-E3 Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9309L-E3 RENESAS-PS9309L-E3 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L-E3-AX CEL-PS9309L-E3-AX Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9309L-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com