Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24064ATAS0I-S0 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1EX24064ATAS0I-S0
Description  Two-wire serial interface 64k EEPROM (8-kword 瑗?8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24064ATAS0I-S0 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1EX24064ATAS0I-S0 Datasheet HTML 4Page - Renesas Technology Corp R1EX24064ATAS0I-S0 Datasheet HTML 5Page - Renesas Technology Corp R1EX24064ATAS0I-S0 Datasheet HTML 6Page - Renesas Technology Corp R1EX24064ATAS0I-S0 Datasheet HTML 7Page - Renesas Technology Corp R1EX24064ATAS0I-S0 Datasheet HTML 8Page - Renesas Technology Corp R1EX24064ATAS0I-S0 Datasheet HTML 9Page - Renesas Technology Corp R1EX24064ATAS0I-S0 Datasheet HTML 10Page - Renesas Technology Corp R1EX24064ATAS0I-S0 Datasheet HTML 11Page - Renesas Technology Corp R1EX24064ATAS0I-S0 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
R1EX24064ASAS0I/R1EX24064ATAS0I
Preliminary
R10DS0100EJ0100 Rev.1.00
Page 8 of 16
Aug. 29, 2011
Device Addressing
The EEPROM device requires an 8-bit device address word following a start condition to enable the chip for a read or a
write operation. The device address word consists of 4-bit device code, 3-bit device address code and 1-bit
read/write(R/W) code. The most significant 4-bit of the device address word are used to distinguish device type and
this EEPROM uses “1010” fixed code. The device address word is followed by the 3-bit device address code in the
order of A2, A1, A0. The device address code selects one device out of all devices which are connected to the bus.
This means that the device is selected if the inputted 3-bit device address code is equal to the corresponding hard-wired
A2-A0 pin status. The eighth bit of the device address word is the read/write(R/W) bit. A write operation is initiated if
this bit is low and a read operation is initiated if this bit is high. Upon a compare of the device address word, the
EEPROM enters the read or write operation after outputting the zero as an acknowledge. The EEPROM turns to a
stand-by state if the device code is not “1010” or device address code doesn’t coincide with status of the correspond
hard-wired device address pins A0 to A2.
Device Address Word
Device address word (8-bit)
Device code (fixed)
Device address code
R/W code*
1
64k
1
0
1
0
A2
A1
A0
R/W
Note:
1. R/W=“1” is read and R/W = “0” is write.


Similar Part No. - R1EX24064ATAS0I-S0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24064ATAS0I RENESAS-R1EX24064ATAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ATAS0I#S0 RENESAS-R1EX24064ATAS0I#S0 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ATAS0I#U0 RENESAS-R1EX24064ATAS0I#U0 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - R1EX24064ATAS0I-S0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A Datasheet
182Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com