Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C513A-2RN Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # C513A-2RN
Description  8-Bit CMOS Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C513A-2RN Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button C513A-2RN Datasheet HTML 4Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 5Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 6Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 7Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 8Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 9Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 10Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 11Page - Siemens Semiconductor Group C513A-2RN Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Semiconductor Group
8
C511 / C513
Table 3
Pin Definitions and Functions
Symbol
Pin Number
I/O*) Function
P-LCC-
44
P-MQFP-
44
P1.7-P1.0
9-2
2
3
4
5
6
7
3-1,
44-40
40
41
42
43
44
1
I/O
Port 1
is a bidirectional I/O port with internal pull-up resistors.
Port 1 pins that have 1s written to them are pulled high by
the internal pullup resistors, and in that state can be used
as inputs. As inputs, port 1 pins being externally pulled
low will source current (
I
IL, in the DC characteristics)
because of the internal pullup resistors. Port 1 also
contains the timer 2 and SSC pins as secondary function.
In general the output latch corresponding to a secondary
function must be programmed to a one (1) for that
function to operate.
For the outputs of the SSC (SCLK, STO) special circuitry
is implemented, providing true push-pull capability. The
STO output in addition will have true tristate capability.
When used for SSC inputs, the pull-up resistors will be
switched off and the inputs will float (high ohmic inputs).
The alternate functions are assigned to port 1, as follows:
P1.0
T2
Input to counter 2 1)
P1.1
T2EX
Capture -Reload trigger of timer 2 1)
Up-Down count
P1.2
SCLK
SSC Master Clock Output
SSC Slave Clock Input
P1.3
SRI
SSC Receive Input
P1.4
STO
SSC Transmit Output
P1.5
SLS
Slave Select Input
1) not available in the C511/511A
*) I = Input
O = Output


Similar Part No. - C513A-2RN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C513A-H SIEMENS-C513A-H Datasheet
1Mb / 128P
   8-Bit CMOS Microcontroller
logo
Marktech Corporate
C513A-MSN-CV0Y0131 MARKTECH-C513A-MSN-CV0Y0131 Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
C513A-MSN-CV0Y0231 MARKTECH-C513A-MSN-CV0Y0231 Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
C513A-MSN-CV0Y0511 MARKTECH-C513A-MSN-CV0Y0511 Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
C513A-MSN-CW0Y0231 MARKTECH-C513A-MSN-CW0Y0231 Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
More results

Similar Description - C513A-2RN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com