Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV0216BSB-7SR-B0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1LV0216BSB-7SR-B0
Description  2Mb Advanced LPSRAM (128k word x 16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0216BSB-7SR-B0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1LV0216BSB-7SR-B0 Datasheet HTML 1Page - Renesas Technology Corp R1LV0216BSB-7SR-B0 Datasheet HTML 2Page - Renesas Technology Corp R1LV0216BSB-7SR-B0 Datasheet HTML 3Page - Renesas Technology Corp R1LV0216BSB-7SR-B0 Datasheet HTML 4Page - Renesas Technology Corp R1LV0216BSB-7SR-B0 Datasheet HTML 5Page - Renesas Technology Corp R1LV0216BSB-7SR-B0 Datasheet HTML 6Page - Renesas Technology Corp R1LV0216BSB-7SR-B0 Datasheet HTML 7Page - Renesas Technology Corp R1LV0216BSB-7SR-B0 Datasheet HTML 8Page - Renesas Technology Corp R1LV0216BSB-7SR-B0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R10DS0051EJ0100 Rev.1.00
Page 1 of 14
2011.03.30
R1LV0216BSB
2Mb Advanced LPSRAM (128k word x 16bit)
Description
The R1LV0216BSB is a family of low voltage 2-Mbit static RAMs organized as 131,072-word by 16-bit, fabricated
by Renesas’s high-performance 0.15um CMOS and TFT technologies. The R1LV0216BSB has realized higher density,
higher performance and low power consumption. The R1LV0216BSB is suitable for memory applications where a
simple interfacing, battery operating and battery backup are the important design objectives. The R1LV0216BSB has
been packaged in 44-pin TSOP.
Features
• Single 2.7~3.6V power supply
• Small stand-by current: 1µA (3.0V, typical)
• No clocks, No refresh
• All inputs and outputs are TTL compatible.
• Easy memory expansion by CS#, LB# and UB#
• Common Data I/O
• Three-state outputs: OR-tie Capability
• OE# prevents data contention on the I/O bus
Ordering Information
Orderable Part Name
Access
time
Temperature
Range
Package
Shipping
Container
Quantity
R1LV0216BSB-5SR#B0
0 ~ +70°C
R1LV0216BSB-5SI#B0
55 ns
-40 ~ +85°C
R1LV0216BSB-7SR#B0
0 ~ +70°C
R1LV0216BSB-7SI#B0
70 ns
-40 ~ +85°C
Tray
Max. 135pcs/Tray
Max. 1080pcs/Inner Box
R1LV0216BSB-5SR#S0
0 ~ +70°C
R1LV0216BSB-5SI#S0
55 ns
-40 ~ +85°C
R1LV0216BSB-7SR#S0
0 ~ +70°C
R1LV0216BSB-7SI#S0
70 ns
-40 ~ +85°C
400-mil 44pin plastic
TSOP (II)
(normal-bend type)
PTSB0044GD-B
(44P3F-B)
Embossed
tape
1000pcs/Reel
R10DS0051EJ0100
Rev.1.00
2011.03.30


Similar Part No. - R1LV0216BSB-7SR-B0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0216BSB-5SI#B1 RENESAS-R1LV0216BSB-5SI#B1 Datasheet
364Kb / 14P
   R1LV0216BSB
R1LV0216BSB-5SI#S1 RENESAS-R1LV0216BSB-5SI#S1 Datasheet
364Kb / 14P
   R1LV0216BSB
More results

Similar Description - R1LV0216BSB-7SR-B0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0216BSB RENESAS-R1LV0216BSB_15 Datasheet
198Kb / 16P
   2Mb Advanced LPSRAM (128k word x 16bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV0816ASB-5SI RENESAS-R1LV0816ASB-5SI Datasheet
214Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ABG-5SI RENESAS-R1LV0816ABG-5SI Datasheet
258Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ASB RENESAS-R1LV0816ASB Datasheet
214Kb / 18P
   8Mb Advanced LPSRAM (512k word x 16bit)
2009.12.07
R1LP0108E RENESAS-R1LP0108E Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E Datasheet
126Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E_15 Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com