Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20162NS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20162NS
Description  8-bit 2ch D/A Converter with Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20162NS Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20162NS Datasheet HTML 1Page - Renesas Technology Corp R2A20162NS Datasheet HTML 2Page - Renesas Technology Corp R2A20162NS Datasheet HTML 3Page - Renesas Technology Corp R2A20162NS Datasheet HTML 4Page - Renesas Technology Corp R2A20162NS Datasheet HTML 5Page - Renesas Technology Corp R2A20162NS Datasheet HTML 6Page - Renesas Technology Corp R2A20162NS Datasheet HTML 7Page - Renesas Technology Corp R2A20162NS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R2A20162NS/SA/SP
New Product
Page 2 of 7
R03DS0016EJ0100 Rev.1.00
2011.09.05
Pin Description
Pin Arrangement
R2A20162NS (Top view)
R2A20162SA/SP (Top view)
1
2
3
4
8
7
6
5
Ao1
Ao2
N.C.
Vcc
LD
CLK
DI
GND
Outline: PRSP0008DE-C [SP]
PTSP-0008JC-B [SA]
1
2
3
4
8
7
6
5
Ao1
Ao2
N.C.
Vcc
LD
CLK
DI
GND
N.C.: Not connected
Outline: PWSN0008KA-A [NS]
GND terminal
GND
5
Power supply terminal
Vcc
4
Not connected
N.C.
3
A02
2
8-bit resolution D/A converter output terminals
(After power-on, all channels are reset and DAC data 00h is output.)
Ao1
1
Load terminal
(When High level is input to LD terminal, value in 10-bit shift register is
loaded into decoder and 8-bit latch.)
LD
8
Serial clock input terminal
(Input signal from DI terminal is input to 10-bit shift register at rise of serial
clock.)
CLK
7
Serial data input terminal.
(Input serial data with a 10-bit data length.)
DI
6
Function
Pin Name
Pin No.
N.C.: Not connected


Similar Part No. - R2A20162NS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20162NS RENESAS-R2A20162NS_15 Datasheet
408Kb / 8P
   8-bit 2ch D/A Converter with Buffer
More results

Similar Description - R2A20162NS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20162NS RENESAS-R2A20162NS_15 Datasheet
408Kb / 8P
   8-bit 2ch D/A Converter with Buffer
logo
Mitsubishi Electric Sem...
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
   8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62343P MITSUBISHI-M62343P Datasheet
25Kb / 5P
   8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com