Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C541U-1EN Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SAB-C541U-1EN
Description  8-Bit CMOS Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C541U-1EN Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SAB-C541U-1EN Datasheet HTML 1Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 2Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 3Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 4Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Semiconductor Group
4
1997-10-01
C540U
C541U
Features (cont’d) :
Up to 64K byte external data memory
256 byte on-chip RAM
Four parallel I/O ports
P-LCC-44 package :
three 8-bit ports and one 6-bit port
P-SDIP-52 package : four 8-bit ports
LED current drive capability for 3 pins (10 mA)
Two 16-bit timer/counters (C501 compatible)
SSC synchronous serial interface (SPI compatible) (only C541U)
– Master and slave capable
– Programmable clock polarity / clock-edge to data phase relation
– LSB/MSB first selectable
– 1.5 MBaud transfer rate at 12 MHz operating frequency
7 interrupt sources (2 external, 5 internal with 2 USB interrupts) selectable at 2 priority levels
Enhanced fail safe mechanisms
– Programmable watchdog timer (only C541U)
– Oscillator watchdog
Power saving modes
– idle mode
– software power down mode with wake-up capability through INT0 pin or USB
On-chip emulation support logic (Enhanced Hooks Technology TM)
P-LCC-44 and P-SDIP-52 packages
Power supply voltage range : 4.0V to 5.5V
Temperature Range :
SAB-C540U
T
A = 0 to 70 °C
SAB-C541U
T
A = 0 to 70 °C
Table 1
Ordering Information
Type
Ordering Code
Package
Description
(8-Bit CMOS microcontroller)
SAB-C540U-EN
Q67126-C2042
P-LCC-44-2
8-Bit CMOS microcontroller (12 MHz)
SAB-C540U-EP
Q67120-C2043
P-SDIP-52-1
8-Bit CMOS microcontroller (12 MHz)
SAB-C541U-1EN
Q67126-C2001
P-LCC-44-2
8-Bit CMOS microcontroller (12 MHz)
SAB-C541U-1EP
Q67120-C2021
P-SDIP-52-1
8-Bit CMOS microcontroller (12 MHz)


Similar Part No. - SAB-C541U-1EN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C501G-1E24N SIEMENS-SAB-C501G-1E24N Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAB-C501G-1E24P SIEMENS-SAB-C501G-1E24P Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAB-C501G-1EN SIEMENS-SAB-C501G-1EN Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAB-C501G-1EP SIEMENS-SAB-C501G-1EP Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAB-C501G-1R24M SIEMENS-SAB-C501G-1R24M Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C541U-1EN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com