Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C541U-1EN Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SAB-C541U-1EN
Description  8-Bit CMOS Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C541U-1EN Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SAB-C541U-1EN Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 12Page - Siemens Semiconductor Group SAB-C541U-1EN Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Semiconductor Group
9
1997-10-01
C540U
C541U
P3.0 - P3.7
11, 13 - 19 13, 16 - 22
I/O
Port 3
is an 8-bit quasi-bidirectional I/O port with internal
pullup resistors. Port 3 pins that have 1's written to
them are pulled high by the internal pullup resistors,
and in that state can be used as inputs. As inputs,
port 3 pins being externally pulled low will source
current (I IL, in the DC characteristics) because of
the internal pullup resistors. Port 3 also contains
the interrupt, timer, serial port and external memory
strobe pins that are used by various options. The
output latch corresponding to a secondary function
must be programmed to a one (1) for that function
to operate. The secondary functions are assigned
to the pins of port 3, as follows:
P3.0 / LED2
LED2 output
P3.1 / DADD
Device attached input
P3.2 / INT0
External interrupt 0 input /
timer 0 gate control input
P3.3 / INT1
External interrupt 1 input /
timer 1 gate control input
P3.4 / T0
Timer 0 counter input
P3.5 / T1
Timer 1 counter input
P3.6 / WR
WR control output; latches the
data byte from port 0 into the
external data memory
P3.7 / RD
RD control output; enables the
external data memory
XTAL2
20
23
XTAL2
is the output of the inverting oscillator amplifier.
This pin is used for the oscillator operation with
crystal or ceramic resonator.
XTAL1
21
24
XTAL1
is the input to the inverting oscillator amplifier and
input to the internal clock generator circuits.
To drive the device from an external clock source,
XTAL1 should be driven, while XTAL2 is left
unconnected. Minimum and maximum high and
low times as well as rise/fall times specified in the
AC characteristics must be observed.
*) I = Input
O = Output
Table 2
Pin Definitions and Functions
(cont’d)
Symbol
Pin Numbers
I/O*) Function
P-LCC-44
P-SDIP-52


Similar Part No. - SAB-C541U-1EN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C501G-1E24N SIEMENS-SAB-C501G-1E24N Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAB-C501G-1E24P SIEMENS-SAB-C501G-1E24P Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAB-C501G-1EN SIEMENS-SAB-C501G-1EN Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAB-C501G-1EP SIEMENS-SAB-C501G-1EP Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
SAB-C501G-1R24M SIEMENS-SAB-C501G-1R24M Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C541U-1EN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com