Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV5256ESA-5SI-S0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1LV5256ESA-5SI-S0
Description  256Kb Advanced LPSRAM (32k word x 8bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV5256ESA-5SI-S0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1LV5256ESA-5SI-S0 Datasheet HTML 1Page - Renesas Technology Corp R1LV5256ESA-5SI-S0 Datasheet HTML 2Page - Renesas Technology Corp R1LV5256ESA-5SI-S0 Datasheet HTML 3Page - Renesas Technology Corp R1LV5256ESA-5SI-S0 Datasheet HTML 4Page - Renesas Technology Corp R1LV5256ESA-5SI-S0 Datasheet HTML 5Page - Renesas Technology Corp R1LV5256ESA-5SI-S0 Datasheet HTML 6Page - Renesas Technology Corp R1LV5256ESA-5SI-S0 Datasheet HTML 7Page - Renesas Technology Corp R1LV5256ESA-5SI-S0 Datasheet HTML 8Page - Renesas Technology Corp R1LV5256ESA-5SI-S0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
R1LV5256E Series
R10DS0068EJ0100 Rev.1.00
Page 4 of 13
2011.04.13
Operation Table
CS#
WE#
OE#
DQ0~7
Operation
H
X
X
High-Z
Stand-by
L
L
X
Din
Write
L
H
L
Dout
Read
L
H
H
High-Z
Output disable
Note 1. H: VIH L:VIL
X: VIH or VIL
Absolute Maximum
Parameter
Symbol
Value
unit
Power supply voltage relative to Vss
Vcc
-0.3 to +4.6
V
Terminal voltage on any pin relative to Vss
VT
-0.3
*1 to Vcc+0.3*2
V
Power dissipation
PT
0.7
W
R Ver.
0 to +70
Operation temperature
Topr
*3
I Ver.
-40 to +85
°C
Storage temperature range
Tstg
-65 to 150
°C
R Ver.
0 to +70
Storage temperature range under bias
Tbias
*3
I Ver.
-40 to +85
°C
Note
1. –3.0V for pulse ≤ 30ns (full width at half maximum)
2. Maximum voltage is +4.6V.
3. Ambient temperature range depends on R/I-version. Please see table on page 1.


Similar Part No. - R1LV5256ESA-5SI-S0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV5256ESA-5SI#B0 RENESAS-R1LV5256ESA-5SI#B0 Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV5256ESA-5SI#B1 RENESAS-R1LV5256ESA-5SI#B1 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV5256ESA-5SI#S0 RENESAS-R1LV5256ESA-5SI#S0 Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV5256ESA-5SI#S1 RENESAS-R1LV5256ESA-5SI#S1 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
More results

Similar Description - R1LV5256ESA-5SI-S0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV5256E RENESAS-R1LV5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E_15 Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV5256E RENESAS-R1LV5256E_15 Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP0108E RENESAS-R1LP0108E Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
   8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV0108E RENESAS-R1LV0108E Datasheet
126Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com