Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10EBEANA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F10EBEANA
Description  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10EBEANA Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F10EBEANA Datasheet HTML 1Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 2Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 3Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 4Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 5Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 6Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 7Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 8Page - Renesas Technology Corp R5F10EBEANA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
RL78/G1A
1. OUTLINE
Page 3 of 76
R01DS0151EJ0001 Rev.0.01
2011.12.26
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
1.2 Ordering Information
• Flash memory version (lead-free product)
Pin count
Package
Data flash
Part Number
25 pins
25-pin plastic FLGA (3
× 3)
Mounted
R5F10E8AALA, R5F10E8CALA, R5F10E8DALA,
R5F10E8EALA
32 pins
32-pin plastic WQFN (fine pitch)
(5
× 5)
Mounted
R5F10EBAANA, R5F10EBCANA, R5F10EBDANA,
R5F10EBEANA
48-pin plastic LQFP (fine pitch)
(7
× 7)
Mounted
R5F10EGAAFB, R5F10EGCAFB, R5F10EGDAFB,
R5F10EGEAFB
48 pins
48-pin plastic WQFN (7
× 7)
Mounted
R5F10EGAANA, R5F10EGCANA, R5F10EGDANA,
R5F10EGEANA
64-pin plastic LQFP (fine pitch)
(10
× 10)
Mounted
R5F10ELCAFB, R5F10ELDAFB, R5F10ELEAFB
64 pins
64-pin plastic FBGA (4
× 4)
Mounted
R5F10ELCABG, R5F10ELDABG, R5F10ELEABG


Similar Part No. - R5F10EBEANA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10EBE RENESAS-R5F10EBE Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F10EBEANA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
   True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com