Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10EGDAFB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F10EGDAFB
Description  Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10EGDAFB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F10EGDAFB Datasheet HTML 5Page - Renesas Technology Corp R5F10EGDAFB Datasheet HTML 6Page - Renesas Technology Corp R5F10EGDAFB Datasheet HTML 7Page - Renesas Technology Corp R5F10EGDAFB Datasheet HTML 8Page - Renesas Technology Corp R5F10EGDAFB Datasheet HTML 9Page - Renesas Technology Corp R5F10EGDAFB Datasheet HTML 10Page - Renesas Technology Corp R5F10EGDAFB Datasheet HTML 11Page - Renesas Technology Corp R5F10EGDAFB Datasheet HTML 12Page - Renesas Technology Corp R5F10EGDAFB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
RL78/G1A
1. OUTLINE
Page 9 of 76
R01DS0151EJ0001 Rev.0.01
2011.12.26
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
• 64-pin plastic FBGA (4 × 4)
1
HGF
E
D
C
B
A
2
3
4
5
6
7
8
AB
C D E
F
G H
Top View
Bottom View
Index mark
Pin No.
Name
Pin No.
Name
Pin No.
Name
Pin No.
Name
A1
P05/TI05/TO05/KR8
C1
P51/ANI25/SO11
/INTP2
E1
P153/ANI11/(KR8)
G1
AVDD
A2
P30/ANI27/SCK11
/SCL11/INTP3
/RTC1HZ
C2
P71/SI21/SDA21/KR1
E2
P154/ANI12/(KR9)
G2
P25/ANI5/(KR8)
A3
P70/ANI28/SCK21
/SCL21/KR0
C3
P74/SI01/SDA01
/INTP8/KR4
E3
P10/ANI18/SCK00
/SCL00/(KR0)
G3
P24/ANI4/(KR7)
A4
P75/SCK01/SCL01
/INTP9/KR5
C4
P16/TI01/TO01/INTP5
E4
P11/ANI20/SI00
/SDA00/RxD0
/TOOLRxD/(KR1)
G4
P22/ANI2/(KR5)
A5
P77/INTP11/KR7
C5
P15/ANI24/SCK20
/SCL20/(KR5)
E5
P03/ANI16/SI10
/SDA10/RxD1/(KR3)
G5
P130
A6
P61/SDAA0
C6
P63
E6
P41/ANI30/TI07/TO07
G6
P02/ANI17/SO10/TxD1
/(KR2)
A7
P60/SCLA0
C7
VSS
E7
RESET
G7
P00/TI00/(KR0)
A8
EVDD0
C8
P121/X1
E8
P137/INTP0
G8
P124/XT2/EXCLKS
B1
P50/ANI26 /SI11
/SDA11/INTP1
D1
P13/ANI22/SO20
/TxD2/(KR3)
F1
P150/ANI8
H1
AVSS
B2
P72/SO21/KR2
D2
P06/TI06/TO06/KR9
F2
P151/ANI9/(KR6)
H2
P27/ANI7
B3
P73/SO01/KR3
D3
P12/ANI21/SO00
/TxD0/TOOLTxD/(KR2)
F3
P152/ANI10/(KR7)
H3
P26/ANI6/(KR9)
B4
P76/INTP10/KR6
D4
P14/ANI23/SI20/
SDA20/RxD2/(KR4)
F4
P21/ANI1/AVREFM
H4
P23/ANI3/(KR6)
B5
P31/ANI29/TI03/TO03
/INTP4
D5
P42/TI04/TO04
F5
P04/SCK10/SCL10
/(KR4)
H5
P20/ANI0/AVREFP
B6
P62
D6
P40/TOOL0
F6
P43
H6
P141/PCLBUZ1/INTP7
B7
VDD
D7
REGC
F7
P01/TO00/(KR1)
H7
P140/PCLBUZ0/INTP6
B8
EVSS0
D8
P122/X2/EXCLK
F8
P123/XT1
H8
P120/ANI19
Cautions 1.
Make EVSS0 pin the same potential as VSS pin.
2.
Make VDD pin the potential that is higher than EVDD0 pin.
3.
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF).
Remarks 1.
For pin identification, see 1.4
Pin Identification.
2.
When using the microcontroller for an application where the noise generated inside the
microcontroller must be reduced, it is recommended to supply separate powers to the VDD and
EVDD0 pins and connect the VSS and EVSS0 pins to separate ground lines.
3.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR).


Similar Part No. - R5F10EGDAFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10EGD RENESAS-R5F10EGD Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F10EGDAFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
   True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com