Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C513A-HN Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # C513A-HN
Description  8-Bit CMOS Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C513A-HN Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button C513A-HN Datasheet HTML 6Page - Siemens Semiconductor Group C513A-HN Datasheet HTML 7Page - Siemens Semiconductor Group C513A-HN Datasheet HTML 8Page - Siemens Semiconductor Group C513A-HN Datasheet HTML 9Page - Siemens Semiconductor Group C513A-HN Datasheet HTML 10Page - Siemens Semiconductor Group C513A-HN Datasheet HTML 11Page - Siemens Semiconductor Group C513A-HN Datasheet HTML 12Page - Siemens Semiconductor Group C513A-HN Datasheet HTML 13Page - Siemens Semiconductor Group C513A-HN Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Semiconductor Group
10
C511 / C513
XTAL1
21
15
XTAL1
Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
To drive the device from an external clock source, XTAL1
should be driven, while XTAL2 is left unconnected. There
are no requirements on the duty cycle of the external
clock signal, since the input to the internal clocking
circuitry is divided down by a divide-by-two flip-flop.
Minimum and maximum high and low times as well as
rise/fall times specified in the AC characteristics must be
observed.
P2.0-P2.7
24-31
18-25
I/O
Port 2
is a bidirectional I/O port with internal pullup resistors.
Port 2 pins that have 1s written to them are pulled high by
the internal pullup resistors, and in that state can be used
as inputs. As inputs, port 2 pins being externally pulled
low will source current (
I
IL, in the DC characteristics)
because of the internal pullup resistors. Port 2 emits the
high-order address byte during fetches from external
program memory and during accesses to external data
memory that use 16-bit addresses (MOVX @DPTR). In
this application it uses strong internal pullup resistors
when issuing 1s. During accesses to external data
memory that use 8-bit addresses (MOVX @Ri), port 2
issues the contents of the P2 special function register.
PSEN
32
26
O
The Program Store Enable
output is a control signal that enables the external
program memory to the bus during external fetch
operations. It is activated every six oscillator periodes
except during external data memory accesses. Remains
high during internal program execution.
RESET
10
4
I
RESET
A high level on this pin for two machine cycles while the
oscillator is running resets the device. An internal resistor
to
V
SS permits power-on reset using only an external
capacitor to
V
CC.
*) I = Input
O = Output
Table 3
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-
44
P-MQFP-
44


Similar Part No. - C513A-HN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C513A-H SIEMENS-C513A-H Datasheet
1Mb / 128P
   8-Bit CMOS Microcontroller
More results

Similar Description - C513A-HN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com