Electronic Components Datasheet Search |
|
R5F21368SNFA Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
R5F21368SNFA Datasheet(HTML) 10 Page - Renesas Technology Corp |
10 / 61 page R8C/36T-A Group 1. Overview R01DS0055EJ0100 Rev.1.00 Page 10 of 58 Dec 09, 2011 1.5 Pin Functions Tables 1.7 and 1.8 list Pin Functions. Note: 1. Contact the oscillator manufacturer for oscillation characteristics. Table 1.7 Pin Functions (1) Item Pin Name I/O Description Power supply input VCC, VSS — Apply 1.8 V through 5.5 V to the VCC pin. Apply 0 V to the VSS pin. Analog power supply input AVCC, AVSS — Power supply input for the A/D converter. Connect a capacitor between pins AVCC and AVSS. Reset input RESET I Applying a low level to this pin resets the MCU. MODE MODE I Connect this pin to the VCC pin via a resistor. XIN clock input XIN I I/O for the XIN clock generation circuit. Connect a ceramic resonator or a crystal oscillator between pins XIN and XOUT. (1) To use an external clock, input it to the XIN pin and leave the XOUT pin open. XIN clock output XOUT I/O XCIN clock input XCIN I I/O for the XCIN clock generation circuit. Connect a crystal oscillator between pins XCIN and XCOUT. (1) To use an external clock, input it to the XCOUT pin and leave the XCIN pin open. XCIN clock output XCOUT I/O INT interrupt input INT0 to INT4 I INT interrupt input. Key input interrupt KI0 to KI3 I Key input interrupt input. Timer RJ_0 TRJIO_0 I/O Input/output for timer RJ. TRJO_0 O Output for timer RJ. Timer RB2_0 TRBO_0 O Output for timer RB2. Timer RC_0 TRCCLK_0 I External clock input. TRCTRG_0 I External trigger input. TRCIOA_0, TRCIOB_0, TRCIOC_0, TRCIOD_0 I/O Input/output for timer RC. Timer RE2 TMRE2O O Divided clock output. Serial interface (UART0) CLK_0, CLK_1 I/O Transfer clock input/output. RXD_0, RXD_1 I Serial data input. TXD_0, TXD_1 O Serial data output. Serial interface (UART2) CTS2 I Input for transmission control. RTS2 O Output for reception control. SCL2 I/O I2C mode clock input/output. SDA2 I/O I2C mode data input/output. RXD2 I Serial data input. TXD2 O Serial data output. CLK2 I/O Transfer clock input/output. Synchronous serial communication unit (SSU_0) SSI_0 I/O Data input/output. SCS_0 I/O Chip-select input/output. SSCK_0 I/O Clock input/output. SSO_0 I/O Data input/output. I2C bus (I2C_0) SCL_0 I/O Clock input/output. SDA_0 I/O Data input/output. Reference voltage input VREF I Reference voltage input for the A/D converter. |
Similar Part No. - R5F21368SNFA |
|
Similar Description - R5F21368SNFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |