Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21368SDFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F21368SDFP
Description  RENESAS MCU
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21368SDFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F21368SDFP Datasheet HTML 1Page - Renesas Technology Corp R5F21368SDFP Datasheet HTML 2Page - Renesas Technology Corp R5F21368SDFP Datasheet HTML 3Page - Renesas Technology Corp R5F21368SDFP Datasheet HTML 4Page - Renesas Technology Corp R5F21368SDFP Datasheet HTML 5Page - Renesas Technology Corp R5F21368SDFP Datasheet HTML 6Page - Renesas Technology Corp R5F21368SDFP Datasheet HTML 7Page - Renesas Technology Corp R5F21368SDFP Datasheet HTML 8Page - Renesas Technology Corp R5F21368SDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
R8C/36T-A Group
1. Overview
R01DS0055EJ0100 Rev.1.00
Page 4 of 58
Dec 09, 2011
1.2
Product List
Table 1.3 lists product information. Figure 1.1 shows the Product Part Number Structure.
Figure 1.1
Product Part Number Structure
Table 1.3
Product List
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F21368SNFP
64 Kbytes
1 Kbyte × 4
6 Kbytes
PLQP0064KB-A
N version
R5F2136ASNFP
96 Kbytes
8 Kbytes
R5F2136CSNFP
128 Kbytes
10 Kbytes
R5F21368SNFA
64 Kbytes
6 Kbytes
PLQP0064GA-A
R5F2136ASNFA
96 Kbytes
8 Kbytes
R5F2136CSNFA
128 Kbytes
10 Kbytes
R5F21368SDFP
64 Kbytes
6 Kbytes
PLQP0064KB-A
D version
R5F2136ASDFP
96 Kbytes
8 Kbytes
R5F2136CSDFP
128 Kbytes
10 Kbytes
R5F21368SDFA
64 Kbytes
6 Kbytes
PLQP0064GA-A
R5F2136ASDFA
96 Kbytes
8 Kbytes
R5F2136CSDFA
128 Kbytes
10 Kbytes
Current of Dec 2011
Part No . R 5 F 21 36 C S N FP
Package type:
FP: PLQP0064KB-A
(0.5 mm pin pitch, 10
 10 mm square body)
FA: PLQP0064GA-A
(0.8 mm pin pitch, 14
 14 mm square body)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
8: 64 KB
A: 96 KB
C: 128 KB
R8C/36T-A Group
R8C/3xT-A Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F21368SDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21368SDFP RENESAS-R5F21368SDFP Datasheet
502Kb / 61P
   RENESAS MCU
More results

Similar Description - R5F21368SDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com