Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21547EKFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F21547EKFP
Description  RENESAS MCU
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21547EKFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F21547EKFP Datasheet HTML 1Page - Renesas Technology Corp R5F21547EKFP Datasheet HTML 2Page - Renesas Technology Corp R5F21547EKFP Datasheet HTML 3Page - Renesas Technology Corp R5F21547EKFP Datasheet HTML 4Page - Renesas Technology Corp R5F21547EKFP Datasheet HTML 5Page - Renesas Technology Corp R5F21547EKFP Datasheet HTML 6Page - Renesas Technology Corp R5F21547EKFP Datasheet HTML 7Page - Renesas Technology Corp R5F21547EKFP Datasheet HTML 8Page - Renesas Technology Corp R5F21547EKFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
R8C/54E Group, R8C/54F Group, R8C/54G Group, R8C/54H Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0043EJ0010 Rev.0.10
Page 5 of 52
Mar 15, 2011
Note:
1. Specify the K version if it is to be used.
Table 1.4
R8C/54F Group Specifications (2)
Item
Function
Description
Timer
Timers RJ_0 and
RJ_1
16 bits × 1: 2 circuits integrated on-chip
Timer mode (periodic timer), pulse output mode (output level inverted every
period), event counter mode, pulse width measurement mode, pulse period
measurement mode
Timers RB2_0
16 bits × 1: 1 circuits integrated on-chip
Timer mode (periodic timer), programmable waveform generation mode
(PWM output), programmable one-shot generation mode, programmable wait
one-shot generation mode
Timers RC_0
16 bits (with 4 capture/compare registers) × 1: 1 circuit integrated on-chip
Timer mode (input capture function, output compare function), PWM mode
(output: 3 pins), PWM2 mode (PWM output: 1 pin)
Timers RD_0
16 bits (with 4 capture/compare registers) × 2: 1 circuit integrated on-chip
Timer mode (input capture function, output compare function), PWM mode
(output: 6 pins), reset synchronous PWM mode (three-phase waveform output
(6 pins), sawtooth wave modulation), complementary PWM mode (three-
phase waveform output (6 pins), triangular wave modulation), PWM3 mode
(PWM output with fixed period: 2 pins)
Timer RE2
8 bits × 1
Compare match timer mode
Serial interface UART0_0 and
UART0_1
2 channels
Clock synchronous serial I/O mode, clock asynchronous serial I/O mode
UART2
1 channel
Clock synchronous serial I/O mode, clock asynchronous serial I/O mode,
special mode 3 (IE mode), multiprocessor communication mode
Clock
Synchronous
serial interface
(SSU)
SSU_0 and
SSU_1
2 channels (also used for the I2C bus)
(2 channels can be used only for communication function priority pin assignment
(only 1 channel for others))
(I2C bus)
I2C_0 and I2C_1
2 channels (also used for the SSU)
(2 channels can be used only for communication function priority pin assignment
(only 1 channel for others))
LIN module
HW-LIN_0 and
HW-LIN_1
Hardware LIN
2 channels (Timers RJ_0 and RJ_1, UART0_0 and UART0_1 are used)
CAN module
CAN_0
1 channel: 16 mailboxes (ISO11898-1 standard compliant)
A/D converter
Resolution: 10 bits × 12 channels, sample and hold function, sweep mode
Comparator B
2 circuits
CRC calculator
CRC-CCITT (X16 + X12 + X5 + 1), CRC-16 (X16 + X15 + X2 + 1) compliant
Flash memory
• Program/erase voltage: VCC = 2.7 V to 5.5 V
• Read voltage: VCC = 1.8 V to 5.5 V
• Program/erase endurance: 1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
Debug functions
• 1-wire debug interface provided (dedicated hardware provided)
• Hot plug connection is supported, allowing the debugger interface to be
connected during user mode operation.
Operating frequency/
Power supply voltage
CPU clock = 32 MHz (VCC = 2.7 V to 5.5 V)
CPU clock = 5 MHz (VCC = 1.8 V to 2.7 V)
Current consumption
T.B.D.
Operating ambient temperature
-40
C to 85 C (J version)
-40
C to 125 C (K version) (1)
Package
48-pin LQFP
Package code: PLQP0048KB-A (previous code: 48P6Q-A)


Similar Part No. - R5F21547EKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21547FJFP RENESAS-R5F21547FJFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F21547FKFP RENESAS-R5F21547FKFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F21547GJFP RENESAS-R5F21547GJFP Datasheet
623Kb / 81P
   RENESAS MCU
R5F21547GKFP RENESAS-R5F21547GKFP Datasheet
623Kb / 81P
   RENESAS MCU
More results

Similar Description - R5F21547EKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com