Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F52108ADFK Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F52108ADFK
Description  Renesas MCUs
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFK Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F52108ADFK Datasheet HTML 5Page - Renesas Technology Corp R5F52108ADFK Datasheet HTML 6Page - Renesas Technology Corp R5F52108ADFK Datasheet HTML 7Page - Renesas Technology Corp R5F52108ADFK Datasheet HTML 8Page - Renesas Technology Corp R5F52108ADFK Datasheet HTML 9Page - Renesas Technology Corp R5F52108ADFK Datasheet HTML 10Page - Renesas Technology Corp R5F52108ADFK Datasheet HTML 11Page - Renesas Technology Corp R5F52108ADFK Datasheet HTML 12Page - Renesas Technology Corp R5F52108ADFK Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 146 page
background image
R01DS0041EJ0090 Rev.0.90
Page 9 of 144
Aug 10, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
1.4
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1 / 4)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
Input
Connect this pin to VSS via a 0.1
F capacitor. The capacitor should
be placed close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for connecting a crystal resonator. An external clock signal can
be input through the EXTAL pin.
EXTAL
Input
BCLK
Output
Outputs the external bus clock for external devices.
XCIN
Input
Input/output pins for the subclock generation circuit. Connect a
crystal resonator between XCIN and XCOUT.
XCOUT
Output
Operating mode
control
MD
Input
Pins for setting the operating mode. The signal levels on this pin
must not be changed during operation.
System control
RES#
Input
Reset signal input pin. This LSI enters the reset state when this
signal goes low.
CAC
CACREF
Input
Input pin for the measuring circuit for clock frequency precision.
On-chip emulator
FINED
I/O
FINE interface pin.
FINEC
Input
Clock pin for FINE interface.
Address bus
A0 to A23
Output
Output pins for the address.
Data bus
D0 to D15
I/O
Input and output pins for the bidirectional data bus.
Bus control
RD#
Output
Strobe signal which indicates that reading from the external bus
interface space is in progress.
WR#
Output
Strobe signal which indicates that writing to the external bus
interface space is in progress, in single-write strobe mode.
WR0#, WR1#
Output
Strobe signals which indicate that either group of data bus pins (D7
to D0, and D15 to D8) is valid in writing to the external bus interface
space, in byte strobe mode.
BC0#, BC1#
Output
Strobe signals which indicate that either group of data bus pins (D7
to D0 and D15 to D8) is valid in access to the external bus interface
space, in single-write strobe mode.
CS0# to CS3#
Output
Select signals for areas 0 to 3.
WAIT#
Input
Input pins for wait request signals in access to the external space.
ALE
Output
Address latch signal when address/data multiplexed bus is
selected.
Interrupt (ICU)
NMI
Input
Non-maskable interrupt request signal.
IRQ0 to IRQ7
Input
Interrupt request signals.


Similar Part No. - R5F52108ADFK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52108ADFK RENESAS-R5F52108ADFK Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
More results

Similar Description - R5F52108ADFK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com