Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F52108ADLJ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F52108ADLJ
Description  Renesas MCUs
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADLJ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F52108ADLJ Datasheet HTML 3Page - Renesas Technology Corp R5F52108ADLJ Datasheet HTML 4Page - Renesas Technology Corp R5F52108ADLJ Datasheet HTML 5Page - Renesas Technology Corp R5F52108ADLJ Datasheet HTML 6Page - Renesas Technology Corp R5F52108ADLJ Datasheet HTML 7Page - Renesas Technology Corp R5F52108ADLJ Datasheet HTML 8Page - Renesas Technology Corp R5F52108ADLJ Datasheet HTML 9Page - Renesas Technology Corp R5F52108ADLJ Datasheet HTML 10Page - Renesas Technology Corp R5F52108ADLJ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 146 page
background image
R01DS0041EJ0090 Rev.0.90
Page 7 of 144
Aug 10, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Figure 1.1
How to Read the Product Part No., Memory Capacity, and Package Type
Type of memory
F: Flash memory version
Package type, number of pins, and pin pitch
FP : LQFP/100/0.50
FN : LQFP/80/0.50
FM : LQFP/64/0.50
FG : LQFP/100/0.65
FF : LQFP/80/0.65
FK : LQFP/64/0.80
LJ : TFLGA/100/0.65
ROM, RAM, and E2 data flash capacity
8: 512 Kbytes/64 Kbytes/8 Kbytes
7: 384 Kbytes/64 Kbytes/8 Kbytes
6: 256 Kbytes/32 Kbytes/8 Kbytes
5: 128 Kbytes/20 Kbytes/8 Kbytes
Group name
10 : RX210 Group
Renesas MCU
Renesas semiconductor product
Series name
RX200 Series
R 5
F 5
2
D
F
P
A
8
0
1
D : Products with wide temperature-range spec.
(-40 to +85°C)


Similar Part No. - R5F52108ADLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52108ADLJ RENESAS-R5F52108ADLJ Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
R5F52108ADLJ RENESAS-R5F52108ADLJ Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADLJ#U0 RENESAS-R5F52108ADLJ#U0 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
More results

Similar Description - R5F52108ADLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com