Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NDDDLK Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F563NDDDLK
Description  Renesas MCUs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NDDDLK Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F563NDDDLK Datasheet HTML 2Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 3Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 4Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 5Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 6Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 7Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 8Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 9Page - Renesas Technology Corp R5F563NDDDLK Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 6 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
12-bit A/D converter (S12ADa)
 1 unit (1 unit x 14 channels)
 12-bit resolution
 Conversion time: 1.0 s per channel (in operation with PCLK at 50 MHz)
 Operating mode
Scan mode (single scan mode or continuous scan mode)
 Sample-and-hold function
 Reference voltage generation
 Three ways to start A/D conversion
Conversion can be started by software, a conversion start trigger from a timer (MTU,
TPU, or TMR), or an external trigger signal.
 A/D conversion of the temperature sensor output
10-bit A/D converter (ADb)
 1 unit (1 unit x 8 channels)
 10-bit resolution
 Conversion time: 1.0 s per channel (in operation with PCLK at 50 MHz)
 Operating mode
Scan mode (single scan mode or continuous scan mode)
External amplifier connection mode
 Sample-and-hold function
 Three ways to start A/D conversion
Conversion can be started by software, a conversion start trigger from a timer (MTU,
TPU, or TMR), or an external trigger signal.
D/A converter (DAa)
 2 channels
 10-bit resolution
 Output voltage: 0 V to VREFH
Temperature sensor
 1 channel
 Precision: TBD
 The voltage of the temperature is converted into a digital value by the 12-bit A/D
converter.
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-bit units
 Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1.
 Generation of CRC codes for use with LSB-first or MSB-first communications is
selectable
Operating frequency
Up to 100 MHz
Power supply voltage
VCC = AVCC0 = VREFH = 2.7 to 3.6 V, VREFH0 = 2.7 V to AVCC0, VBATT = 2.3 V to 3.6
V
Supply current
TBD mA
Operating temperature
40 to +85C (products with wide-temperature-range spec.)
Package
177-pin TFLGA (PTLG0177KA-A) (in the planning stage)
176-pin LFBGA (PLBG0176GA-A) (in the planning stage)
176-pin LQFP (PLQP0176KB-A)
145-pin TFLGA (PTLG0145KA-A) (in the planning stage)
144-pin LQFP (PLQP0144KA-A)
100-pin LQFP (PLQP0100KB-A)
On-chip debugging system
 E1 emulator (JTAG and FINE interfaces)
 E20 emulator (JTAG interface)
Table 1.1
Outline of Specifications (5/5)
Classification
Module/Function
Description


Similar Part No. - R5F563NDDDLK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDFP RENESAS-R5F56307CDFP Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDLA RENESAS-R5F56307CDLA Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFN RENESAS-R5F56307DDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFP RENESAS-R5F56307DDFP Datasheet
1Mb / 165P
   Renesas MCUs
More results

Similar Description - R5F563NDDDLK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com