Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY0819 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # CGY0819
Description  GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY0819 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  CGY0819 Datasheet HTML 1Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 2Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 3Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 4Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 5Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 6Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 7Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 8Page - Siemens Semiconductor Group CGY0819 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CGY 0819
Siemens Aktiengesellschaft
3
16.09.98
HL HF PE GaAs 1 / Fo
Electrical Characteristics
(TA = 25°C , ZS=ZL=50 Ohm, VD=3.5V, IDq=300mA, unless otherwise specified )
Characteristics
Symbol
min
typ
max
Unit
Frequency range
Cellular frequency band
PCS frequency band
f
824
1850
849
1910
MHz
Duty cycle
tON/tOFF
100
%
AMPS output power
P
31,5
dBm
TDMA cellular output power
P
30
dBm
AMPS gain at max. output
G
24
dB
TDMA cellular gain at max. output
G
27
dB
TDMA PCS output power
P
29
dBm
TDMA PCS gain at max. output
G
24
dB
CDMA cellular output power
P
28
dBm
CDMA cellular gain at max. output
G
28
dB
CDMA PCS output power
P
29
dBm
CDMA PCS gain at max. output
G
24
dB
Power ramping characteristic
Full output power
Pinch off
Vcontr
2.5
0.5
V
Adjacent Channel Power CDMA
900kHz offset (cellular band)
1.25 MHz offset (PCS band)
1.98 MHz offset
Padj/Pmain
-45
–45
-54
dBc @
30kHz
Adjacent channel power TDMA
adjacent
alternate
2nd alternate
Padj/Pmain
-28
–45
-45
dBc @
30kHz
AMPS efficiency
PAE
55
%
TDMA DC to RF efficiency
@Padj=-26dBc
at max. output
Cellular Band:
PCS Band
PAE
40
40
%
CDMA DC to RF efficiency
@Padj=-42dBc
at max. output
Cellular Band
PCS Band
at Pout=10 dBm ( Iq set to 100mA )
PAE
35
40
8
%
Semiconductor Group
3
1998-11-01


Similar Part No. - CGY0819

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY0918 SIEMENS-CGY0918 Datasheet
42Kb / 4P
   GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)
More results

Similar Description - CGY0819

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY81 SIEMENS-CGY81 Datasheet
247Kb / 12P
   GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones)
CGY191 SIEMENS-CGY191 Datasheet
191Kb / 11P
   GaAs MMIC (Dual mode power amplifier for CDMA /TDMA portable cellular phones)
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
   CDMA/AMPS dual Band IF Receiver for Digital Phones
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
logo
TriQuint Semiconductor
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
logo
ANADIGICS, Inc
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
logo
RF Micro Devices
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
   CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com