Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F6411FDFN Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F6411FDFN
Description  RENESAS MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFN Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F6411FDFN Datasheet HTML 3Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 4Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 5Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 6Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 7Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 8Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 9Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 10Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 7 of 99
Sep 26, 2011
R32C/111 Group
1. Overview
Notes:
1.
Timer B4 is available in timer mode only.
2.
Contact a Renesas Electronics sales office to use the optional features.
Table 1.6
Performance Overview for the 64-pin Package (2/2)
Unit
Function
Explanation
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse-width
modulation (PWM) mode
Two-phase pulse signal processing in event counter mode (two-
phase encoder input) × 3
Timer B
16-bit timer × 6 (1)
Timer mode, event counter mode, pulse frequency measurement
mode, pulse-width measurement mode
Three-phase
motor control
timer
Three-phase motor control timer × 1 (timers A1, A2, A4, and B2 used)
8-bit programmable dead time timer
Serial
Interface
UART0 to
UART3, UART5,
UART8
Asynchronous/synchronous serial interface × 6 channels
•I2C-bus (UART0 to UART3, UART5)
• Special mode 2 (UART0 to UART3, UART5)
• IEBus (optional (2)) (UART0 to UART3, UART5)
A/D Converter
10-bit resolution × 20 channels
Sample and hold functionality integrated
D/A Converter
8-bit resolution × 1
CRC Calculator
CRC-CCITT (X16 + X12 + X5 + 1)
X-Y Converter
16 bits × 16 bits
Intelligent I/O
Time measurement (input capture): 16 bits × 16
Waveform generation (output compare): 16 bits × 19
Serial interface: Variable-length synchronous serial I/O mode, IEBus
mode (optional (2))
Flash Memory
Programming and erasure supply voltage: VCC1 = 3.0 to 5.5 V
Minimum endurance: 1,000 program/erase cycles
Security protection: ROM code protect, ID code protect
Debugging: On-chip debug, on-board flash programming
Operating Frequency/Supply
Voltage
50 MHz/VCC1 = 3.0 to 5.5 V
Operating Temperature
-20°C to 85°C (N version)
-40°C to 85°C (D version)
Current Consumption
32 mA (VCC1 = 5.0 V, f(CPU) = 50 MHz)
8 µA (VCC1 = 3.3 V, f(XCIN) = 32.768 kHz, in wait mode)
Package
64-pin plastic molded LQFP (PLQP0064KB-A)


Similar Part No. - R5F6411FDFN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6411FDFN RENESAS-R5F6411FDFN Datasheet
1Mb / 105P
   RENESAS MCU
R5F6411FDFN RENESAS-R5F6411FDFN Datasheet
839Kb / 102P
   RENESAS MCU
More results

Similar Description - R5F6411FDFN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com