Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH1CF6RDPQ-80 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH1CF6RDPQ-80
Description  Silicon N Channel IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH1CF6RDPQ-80 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH1CF6RDPQ-80 Datasheet HTML 1Page - Renesas Technology Corp RJH1CF6RDPQ-80 Datasheet HTML 2Page - Renesas Technology Corp RJH1CF6RDPQ-80 Datasheet HTML 3Page - Renesas Technology Corp RJH1CF6RDPQ-80 Datasheet HTML 4Page - Renesas Technology Corp RJH1CF6RDPQ-80 Datasheet HTML 5Page - Renesas Technology Corp RJH1CF6RDPQ-80 Datasheet HTML 6Page - Renesas Technology Corp RJH1CF6RDPQ-80 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJH1CF6RDPQ-80
Preliminary
R07DS0356EJ0100 Rev.1.00
Page 4 of 6
May 12, 2010
100
1
10
1000
1
10
100
1000
10000
0
100
50
150
200
250
300
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
Typical Capacitance vs.
Collector to Emitter Voltage
800
600
400
200
0
0
16
12
8
4
0
40
80
120
160
200
IC = 30 A
Ta = 25°C
VGE
VCE
VCC = 600 V
300 V
VCC = 600 V
300 V
Switching Characteristics (Typical) (1)
1
100
10
1
10
100
Switching Characteristics (Typical) (2)
3
100
1000
3000
Collector to Emitter Voltage VCE (V)
Collector Current IC (A)
Gate Resistance Rg (
Ω)
Switching Characteristics (Typical) (3)
10
100
1000
050
25
75
125
100
150 175
td(off)
td(on)
tf
tr
Case Temperature Tc (°C)
td(off)
td(on)
tf
tr
C-E Diode Forward Voltage VECF (V)
Forward Current vs. Forward Voltage (Typical)
0
5
10
15
25
20
30
0246
8
VGE = 0 V
Ta = 25°C
Pulse Test
VCC = 600 V, VGE = 15 V
Rg = 5
Ω, Ta = 25°C, Resistive load
td(off)
tf
td(on)
tr
VCC = 600 V, VGE = 15 V
IC = 30 A, Ta = 25°C, Resistive load
VCC = 600 V, VGE = 15 V
IC = 30 A, Rg = 5 Ω, Resistive load
Cies
Coes
Cres
VGE = 0 V
f = 1 MHz
Ta = 25°C


Similar Part No. - RJH1CF6RDPQ-80

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80_15 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJH1CF6RDPQ-80

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com