Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F563NEDDFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F563NEDDFP
Description  Renesas MCUs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NEDDFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F563NEDDFP Datasheet HTML 6Page - Renesas Technology Corp R5F563NEDDFP Datasheet HTML 7Page - Renesas Technology Corp R5F563NEDDFP Datasheet HTML 8Page - Renesas Technology Corp R5F563NEDDFP Datasheet HTML 9Page - Renesas Technology Corp R5F563NEDDFP Datasheet HTML 10Page - Renesas Technology Corp R5F563NEDDFP Datasheet HTML 11Page - Renesas Technology Corp R5F563NEDDFP Datasheet HTML 12Page - Renesas Technology Corp R5F563NEDDFP Datasheet HTML 13Page - Renesas Technology Corp R5F563NEDDFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 10 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Note 1. In the planning stage
Figure 1.1
How to Read the Product Part No.
RX631
R5F5631EDDFP
PLQP0100KB-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631ECDFB
PLQP0144KA-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631EDDFB
PLQP0144KA-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631ECDLK
PTLG0145KA-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631EDDLK
PTLG0145KA-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631ECDFC
PLQP0176KB-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631EDDFC
PLQP0176KB-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631ECDLC
PTLG0177KA-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631EDDLC
PTLG0177KA-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631ECDBG
PLBG0176GA-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F5631EDDBG
PLBG0176GA-A*1
2 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5S56310DCFC
PLQP0176KB-A
0 Mbyte
128 Kbytes
0 Kbytes
100 MHz
Table 1.3
List of Products (3/3)
Group
Part No.
Package
ROM Capacity
RAM Capacity
E2Data Flash
Operating
Frequency
(Max.)
Type of memory
F : Flash memory version
S : ROMless version
Package type, number of pins, and pin pitch
FC : LQFP/176/0.50
BG : LFBGA/176/0.80
LC : TFLGA/177/0.50
FB : LQFP/144/0.50
LK : TFLGA/145/0.50
FP : LQFP/100/0.50
ROM, RAM and E2 data flash capacity
E : 2 Mbytes/128 Kbytes/32 Kbytes
D : 1.5 Mbytes/128 Kbytes/32 Kbytes
B : 1 Mbyte/128 Kbytes/32 Kbytes
A : 768 Kbytes/128 Kbytes/32 Kbytes
0 : 0 bytes/128 Kbytes/0 bytes
Group name
3N : RX63N Group
31 : RX631 Group
Renesas MCU
Renesas semiconductor product
C : CAN included
D : CAN not included
Series name
RX600 Series
R 5
F 5
6
D
F
P
C
A
N
3
D : Products with wide-tempera ture-ranse
spec. (–40 to 85°C)


Similar Part No. - R5F563NEDDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDFP RENESAS-R5F56307CDFP Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDLA RENESAS-R5F56307CDLA Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFN RENESAS-R5F56307DDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFP RENESAS-R5F56307DDFP Datasheet
1Mb / 165P
   Renesas MCUs
More results

Similar Description - R5F563NEDDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com