Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C505A-4EM Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SAF-C505A-4EM
Description  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C505A-4EM Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SAF-C505A-4EM Datasheet HTML 1Page - Siemens Semiconductor Group SAF-C505A-4EM Datasheet HTML 2Page - Siemens Semiconductor Group SAF-C505A-4EM Datasheet HTML 3Page - Siemens Semiconductor Group SAF-C505A-4EM Datasheet HTML 4Page - Siemens Semiconductor Group SAF-C505A-4EM Datasheet HTML 5Page - Siemens Semiconductor Group SAF-C505A-4EM Datasheet HTML 6Page - Siemens Semiconductor Group SAF-C505A-4EM Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C505A-4EM Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C505A-4EM Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
Semiconductor Group
5
1997-12-01
C505 / C505C
C505A / C505CA
Note: The ordering number of the ROM types (DXXXX extension) is defined after program release
(verification) of the customer.
Versions for the extended temperature range – 40
°C to 110 °C (SAH-C505) and – 40 °C to
125
°C (SAK-C505) are available on request.
Table 2
Ordering Information
Type
Ordering Code Package
Description
(8-Bit CMOS microcontroller)
SAB-C505-2RM
SAB-C505-LM
Q67127-DXXXX
Q67127-C2057
P-MQFP-44
P-MQFP-44
with mask-programmable ROM (16K), 20 MHz
for external memory (20 MHz)
SAF-C505-2RM
SAF-C505-LM
Q67127-DXXXX
Q67127-C2056
P-MQFP-44
P-MQFP-44
Extended temperature. – 40
°C to 85 °C :
with mask-programmable ROM (16K), 20 MHz
for external memory (20 MHz)
SAB-C505C-2RM
SAB-C505C-LM
Q67127-DXXXX
Q67127-C2029
P-MQFP-44
P-MQFP-44
with mask-progr. ROM (16K) and CAN, 20 MHz
for external memory, with CAN (20 MHz)
SAF-C505C-2RM
SAF-C505C-LM
Q67127-DXXXX
Q67127-C2030
P-MQFP-44
P-MQFP-44
Extended temperature. – 40
°C to 85 °C :
with mask-progr. ROM (16K) and CAN, 20 MHz
for external memory, with CAN (20 MHz)
SAB-C505A-4EM
Q67127-C2060
P-MQFP-44 with OTP memory (32K), 20 MHz
SAF-C505A-4EM
Q67127-C2061
P-MQFP-44
Extended temperature. – 40
°C to 85 °C :
with OTP memory (32K), 20 MHz
SAB-C505CA-4EM
Q67127-C1082
P-MQFP-44 with OTP memory (32K) and CAN, 20 MHz
SAB-C505CA-4EM
Q67127-C2058
P-MQFP-44
Extended temperature. – 40
°C to 85 °C :
with OTP memory (32K) and CAN, 20 MHz


Similar Part No. - SAF-C505A-4EM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C505 INFINEON-SAF-C505 Datasheet
487Kb / 85P
   8-bit CMOS Microcontroller
06.99
SAF-C505L INFINEON-SAF-C505L Datasheet
487Kb / 85P
   8-bit CMOS Microcontroller
06.99
SAF-C505L-4EM INFINEON-SAF-C505L-4EM Datasheet
487Kb / 85P
   8-bit CMOS Microcontroller
06.99
More results

Similar Description - SAF-C505A-4EM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com