Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60F5BDPQ-A0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH60F5BDPQ-A0
Description  600V - 40A - IGBT High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60F5BDPQ-A0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH60F5BDPQ-A0 Datasheet HTML 1Page - Renesas Technology Corp RJH60F5BDPQ-A0 Datasheet HTML 2Page - Renesas Technology Corp RJH60F5BDPQ-A0 Datasheet HTML 3Page - Renesas Technology Corp RJH60F5BDPQ-A0 Datasheet HTML 4Page - Renesas Technology Corp RJH60F5BDPQ-A0 Datasheet HTML 5Page - Renesas Technology Corp RJH60F5BDPQ-A0 Datasheet HTML 6Page - Renesas Technology Corp RJH60F5BDPQ-A0 Datasheet HTML 7Page - Renesas Technology Corp RJH60F5BDPQ-A0 Datasheet HTML 8Page - Renesas Technology Corp RJH60F5BDPQ-A0 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RJH60F5BDPQ-A0
Preliminary
R07DS0631EJ0100 Rev.1.00
Page 2 of 8
Feb 17, 2012
Electrical Characteristics
(Tj = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
100
A
VCE = 600V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4
8
V
VCE = 10 V, IC = 1 mA
VCE(sat)
1.37
1.8
V
IC = 40 A, VGE = 15 V
Note3
Collector to emitter saturation voltage
VCE(sat)
1.7
V
IC = 80 A, VGE = 15 V
Note3
Input capacitance
Cies
2780
pF
Output capacitance
Coes
122
pF
Reverse transfer capacitance
Cres
43
pF
VCE = 25 V
VGE = 0 V
f = 1 MHz
td(on)
53
ns
tr
34
ns
td(off)
95
ns
Switching time
tf
68
ns
IC = 30 A,
VCE = 400 V, VGE = 15 V
Rg = 5
Note3,
Inductive load
C-E diode forward voltage
VECF
2.5
3.0
V
IF = 30 A
Note3
C-E diode reverse recovery time
trr
25
ns
IF = 30 A
diF/dt = 100 A/s
Notes: 3. Pulse test


Similar Part No. - RJH60F5BDPQ-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0_15 Datasheet
101Kb / 9P
   600V - 40A - IGBT High Speed Power Switching
More results

Similar Description - RJH60F5BDPQ-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60F5DPM RENESAS-RJP60F5DPM_15 Datasheet
84Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0_15 Datasheet
101Kb / 9P
   600V - 40A - IGBT High Speed Power Switching
RJP60F5DPK RENESAS-RJP60F5DPK_15 Datasheet
86Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
RJP60F5DPK RENESAS-RJP60F5DPK Datasheet
85Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
May 31, 2012
RJP60F7DPK RENESAS-RJP60F7DPK Datasheet
105Kb / 7P
   600V - 50A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0_15 Datasheet
218Kb / 9P
   600V - 50A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0 Datasheet
102Kb / 9P
   600V - 50A - IGBT High Speed Power Switching
RJQ6022DPM RENESAS-RJQ6022DPM Datasheet
87Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJQ6021DPM RENESAS-RJQ6021DPM Datasheet
81Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJH60F6BDPQ-A0 RENESAS-RJH60F6BDPQ-A0 Datasheet
101Kb / 9P
   600V - 45A - IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com