Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY121 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # CGY121
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY121 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  CGY121 Datasheet HTML 1Page - Siemens Semiconductor Group CGY121 Datasheet HTML 2Page - Siemens Semiconductor Group CGY121 Datasheet HTML 3Page - Siemens Semiconductor Group CGY121 Datasheet HTML 4Page - Siemens Semiconductor Group CGY121 Datasheet HTML 5Page - Siemens Semiconductor Group CGY121 Datasheet HTML 6Page - Siemens Semiconductor Group CGY121 Datasheet HTML 7Page - Siemens Semiconductor Group CGY121 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CGY 121 A
Siemens Aktiengesellschaft
1
23.06.98
HL HF PE GaAs1
GaAs MMIC
Preliminary Datasheet
l
Variable gain amplifier
(MMIC-Amplifier) for mobile communication
l
Typical Gain Control range over 50dB
l
Positive Control Voltage
l
50
Ω input and output matched
l
Low power consumption
l
Operating voltage range: 2.7 to 6 V
l
Frequency range 800 MHz ... 2.5 GHz
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering code
(taped)
Package
1)
CGY 121 A
Y9S
Q-62702-G66
MW-6
Maximum ratings
Characteristics
Symbol
max. Value
Unit
Drain voltage
VD
8V
Neg. supply voltage
VG
-8
V
Pos. control voltage
Vcon
4V
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
-55...+150
°C
Total power dissipation (TS < 81°C) 2)
Ptot
550
mW
Thermal resistance
Characteristics
Symbol
max. Value
Unit
Channel-soldering point (GND)
RthChS
125
K/W
1) Dimensions see page 9.
2) Please care for sufficient heat dissipation on the pcb!
*) Pin-out changed compared to CGY120: 180° rotation
6
5
4
3
2
1
Vd1
RF-GND
RF-in; -Vg
RF-GND
Vd2; RF-out
Vcontrol
Semiconductor Group
1
1998-11-01
Semiconductor Group
1
1998-11-01


Similar Part No. - CGY121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY121 SIEMENS-CGY121 Datasheet
93Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
More results

Similar Description - CGY121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
logo
Analog Devices
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694 AD-HMC694 Datasheet
466Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com