Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5631ECDFB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F5631ECDFB
Description  Renesas MCUs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ECDFB Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F5631ECDFB Datasheet HTML 1Page - Renesas Technology Corp R5F5631ECDFB Datasheet HTML 2Page - Renesas Technology Corp R5F5631ECDFB Datasheet HTML 3Page - Renesas Technology Corp R5F5631ECDFB Datasheet HTML 4Page - Renesas Technology Corp R5F5631ECDFB Datasheet HTML 5Page - Renesas Technology Corp R5F5631ECDFB Datasheet HTML 6Page - Renesas Technology Corp R5F5631ECDFB Datasheet HTML 7Page - Renesas Technology Corp R5F5631ECDFB Datasheet HTML 8Page - Renesas Technology Corp R5F5631ECDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 3 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Low power
consumption
Low power
consumption facilities
 Module stop function
 Four low power consumption modes
Sleep mode, all-module clock stop mode, software standby mode, and deep software
standby mode
 Battery backup function
Interrupt
Interrupt controller
(ICUb)
 Peripheral function interrupts: 187 sources
 External interrupts: 16 (pins IRQ0 to IRQ15)
 Software interrupts: One source
 Non-maskable interrupts: 6 sources
Sixteen levels specifiable for the order of priority
External bus extension
 The external address space can be divided into nine areas (CS0 to CS7, SDCS), each
with independent control of access settings.
Capacity of each area: 16 Mbytes (CS0 to CS7), 128 Mbytes (SDCS)
A chip-select signal (CS0# to CS7#, SDCS#) can be output for each area.
Each area is specifiable as an 8-, 16-, or 32-bit bus space.
The data arrangement in each area is selectable as little or big endian (only for data).
 SDRAM interface connectable
 Bus format: Separate bus, multiplex bus
 Wait control
 Write buffer facility
DMA
DMA controller
(DMAC)
 4 channels
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
EXDMA controller
(EXDMACa)
 2 channels
 Four transfer modes: Normal transfer, repeat transfer, block transfer, and cluster
transfer
 Single-address transfer enabled with the EDACK signal
 Capable of direct data transfer to TFT LCD panels
 Activation sources: Software trigger, external DMA requests (EDREQ), and interrupt
requests from peripheral functions
Data transfer controller
(DTCa)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: External interrupts and interrupt requests from peripheral functions
I/O ports
Programmable I/O ports
 I/O ports for the 177-pin TFLGA (in the planning stage), 176-pin LFBGA (in the planning
stage), and 176-pin LQFP
I/O pins: 133
Input pins: 1
Pull-up resistors: 133
Open-drain outputs: 133
5-V tolerance: 18
 I/O ports for the 145-pin TFLGA (in the planning stage) and 144-pin LQFP
I/O pins: 111
Input pins: 1
Pull-up resistors: 111
Open-drain outputs: 111
5-V tolerance: 18
 I/O ports for the 100-pin LQFP
I/O pins: 78
Input pins: 1
Pull-up resistors: 78
Open-drain outputs: 78
5-V tolerance: 17
Table 1.1
Outline of Specifications (2/5)
Classification
Module/Function
Description


Similar Part No. - R5F5631ECDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDFP RENESAS-R5F56307CDFP Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307CDLA RENESAS-R5F56307CDLA Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFN RENESAS-R5F56307DDFN Datasheet
1Mb / 165P
   Renesas MCUs
R5F56307DDFP RENESAS-R5F56307DDFP Datasheet
1Mb / 165P
   Renesas MCUs
More results

Similar Description - R5F5631ECDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX210 RENESAS-RX210_15 Datasheet
6Mb / 223P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com