Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY121 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # CGY121
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY121 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  CGY121 Datasheet HTML 1Page - Siemens Semiconductor Group CGY121 Datasheet HTML 2Page - Siemens Semiconductor Group CGY121 Datasheet HTML 3Page - Siemens Semiconductor Group CGY121 Datasheet HTML 4Page - Siemens Semiconductor Group CGY121 Datasheet HTML 5Page - Siemens Semiconductor Group CGY121 Datasheet HTML 6Page - Siemens Semiconductor Group CGY121 Datasheet HTML 7Page - Siemens Semiconductor Group CGY121 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CGY 121 B
Siemens Aktiengesellschaft
7
04.08.98
HL HF PE GaAs/HB
Parts List
Frequency
1900 MHz
C1, C2 (Siemens size 0603)
12 pF
0603
C3, C4 (Siemens size 0603)
100 nF
0603
C5 (Siemens size 0603)
47 nF
0603
C6 (Siemens size 0603)
1.2 pF
0603
L1 (Coilcraft 0805CS-270XKBC)
15 nH
0805
R1 (Siemens B 54102-A1271-J60)
270 Ohm
0805
R2 (Siemens B 54102-A1120-J60)
12 Ohm
0805
R3
6.8 Ohm
0805
Total Power Dissipation Ptot = f(Ts)
Ptotmax in mW
81°C
0
100
200
300
400
500
600
700
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Soldering Point Temperature Ts in °C
Ptotmax
Semiconductor Group
7
1998-11-01
Semiconductor Group
7
1998-11-01


Similar Part No. - CGY121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY121 SIEMENS-CGY121 Datasheet
94Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
CGY121A SIEMENS-CGY121A Datasheet
94Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
More results

Similar Description - CGY121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY121A SIEMENS-CGY121A Datasheet
94Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
logo
Analog Devices
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694 AD-HMC694 Datasheet
466Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com