Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY121 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # CGY121
Description  GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY121 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  CGY121 Datasheet HTML 1Page - Siemens Semiconductor Group CGY121 Datasheet HTML 2Page - Siemens Semiconductor Group CGY121 Datasheet HTML 3Page - Siemens Semiconductor Group CGY121 Datasheet HTML 4Page - Siemens Semiconductor Group CGY121 Datasheet HTML 5Page - Siemens Semiconductor Group CGY121 Datasheet HTML 6Page - Siemens Semiconductor Group CGY121 Datasheet HTML 7Page - Siemens Semiconductor Group CGY121 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CGY 121 B
Siemens Aktiengesellschaft
3
04.08.98
HL HF PE GaAs/HB
Electrical characteristics
(
TA = 25°C, f = 900 MHz, Vg = -4V, RS = RL = 50 Ω unless otherwise specified)
Characteristics
Symbol
min
typ
max
Unit
Power Gain
Vd=5V; I=70mA; Vcon=3V
G
-
21.5
-
dB
Input return loss
Vd=5V; I=70mA; Vcon=3V
RLin
-15
-
dB
Output return loss
Vd=5V; I=70mA; Vcon=3V
RLout
-11
-
dB
Gain Control Range
Vcon=3 V ... 0V; Vd=5V; I=70mA
dG
-55
-
dB
1dB gain compression
Vd=5V; I=70mA; Vcon=3V
P1dB
-16
-
dBm
Electrical characteristics
(
TA = 25°C, f = 1800 MHz, Vg=-4V, RS = RL = 50 Ω unless otherwise specified)
Characteristics
Symbol
min
typ
max
Unit
Power Gain
Vd=5V; I=70mA; Vcon=3V
G
-
19.5
-
dB
Input return loss
Vd=5V; I=70mA; Vcon=3V
RLin
-10
-
dB
Output return loss
Vd=5V; I=70mA; Vcon=3V
RLout
-8
-
dB
Gain Control Range
Vcon=3 V ... 0V; Vd=5V; I=70mA
dG
-55
-
dB
1dB gain compression
Vd=5V; I=70mA; Vcon=3V
P1dB
-16
-
dBm
DC characteristics
Characteristics
Symbol
min
typ
max
Unit
Gate current (Pin 4)
Vg=-4V
Ig
-
1.0
-
mA
Control current (Pin 6)
Vg=-4V; Vcon=0V...3V
Ic
-
0.5
-
mA
Supply current
Vg = -4V; Vcon = 3V
Id
-
70
-
mA
Semiconductor Group
3
1998-11-01
Semiconductor Group
3
1998-11-01


Similar Part No. - CGY121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY121 SIEMENS-CGY121 Datasheet
94Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
CGY121A SIEMENS-CGY121A Datasheet
94Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
More results

Similar Description - CGY121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY121A SIEMENS-CGY121A Datasheet
94Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
logo
Analog Devices
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694 AD-HMC694 Datasheet
466Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com