Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY184 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # CGY184
Description  GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY184 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button CGY184 Datasheet HTML 2Page - Siemens Semiconductor Group CGY184 Datasheet HTML 3Page - Siemens Semiconductor Group CGY184 Datasheet HTML 4Page - Siemens Semiconductor Group CGY184 Datasheet HTML 5Page - Siemens Semiconductor Group CGY184 Datasheet HTML 6Page - Siemens Semiconductor Group CGY184 Datasheet HTML 7Page - Siemens Semiconductor Group CGY184 Datasheet HTML 8Page - Siemens Semiconductor Group CGY184 Datasheet HTML 9Page - Siemens Semiconductor Group CGY184 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CGY 184
Siemens Aktiengesellschaft
6
23.07.97
HL HF PE GaAs
DC-ID(Vneg) characteristics – typical values of stage 4, VD=3V
DC-Output characteristics – typical values of stage 4
Pin 2( Vcon ) has to be open during measuring DC-characteristics
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
5,5
6
6,5
7
7,5
8
8,5
9
9,5
10
-5
-4,5
-4
-3,5
-3
-2,5
-2
-1,5
-1
-0,5
0
Vneg [V]
ID
[A]
High current
Medium current
Low current
0
1
2
3
4
5
6
7
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
5,5
6
6,5
VD [V]
Vneg=-0.25
-0.50 V
-1.50 V
-1.25 V
-1.00 V
-0.75 V
-2.00 V
-1.75 V
-2.25 V
Ptot=6.7 W
Semiconductor Group
6
1998-11-01


Similar Part No. - CGY184

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
   GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
More results

Similar Description - CGY184

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY0918 SIEMENS-CGY0918 Datasheet
42Kb / 4P
   GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
269Kb / 3P
   GaAs MMIC Power Amplifier, 2.0 W
AM42-0007-DIE MA-COM-AM42-0007-DIE_15 Datasheet
891Kb / 4P
   GaAs MMIC Power Amplifier, 2.0 W
logo
Fairchild Semiconductor
RMPA2451 FAIRCHILD-RMPA2451 Datasheet
489Kb / 7P
   2.4-2.5 GHz GaAs MMIC Power Amplifier
RMPA2450 FAIRCHILD-RMPA2450 Datasheet
155Kb / 6P
   2.4-2.5 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
logo
Analog Devices
HMC1121 AD-HMC1121 Datasheet
390Kb / 15P
   4 W, GaAs, pHEMT, MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com