Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0628JPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK0628JPE
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0628JPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK0628JPE Datasheet HTML 1Page - Renesas Technology Corp RJK0628JPE Datasheet HTML 2Page - Renesas Technology Corp RJK0628JPE Datasheet HTML 3Page - Renesas Technology Corp RJK0628JPE Datasheet HTML 4Page - Renesas Technology Corp RJK0628JPE Datasheet HTML 5Page - Renesas Technology Corp RJK0628JPE Datasheet HTML 6Page - Renesas Technology Corp RJK0628JPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK0628JPE
Preliminary
R07DS0336EJ0100 Rev.1.00
Page 5 of 6
Apr 18, 2011
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
15 V
0
ID
VDS
IAP
V (BR)DSS
L
VDD
EAR =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
Avalanche Test Circuit
Avalanche Waveform
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test CircuitSwitching Time Waveform
Vin Monitor
D.U.T.
Vin
10 V
RL
VDS
= 30 V
Vout
Monitor
Rg
D = 1
0.05
10
μ
100
μ
1 m10 m
100 m10
1
10
1
0.1
0.01
0.1
0.2
0.5
0.01
1shot
pu
lse
0.02
P
DM
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 0.781°C/W, Tc = 25°C


Similar Part No. - RJK0628JPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0628JPE RENESAS-RJK0628JPE_15 Datasheet
105Kb / 7P
   60 V - 160 A - N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK0628JPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com