Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702G62 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702G62
Description  GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702G62 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702G62 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702G62 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702G62 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702G62 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702G62 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702G62 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702G62 Datasheet HTML 7Page - Siemens Semiconductor Group Q62702G62 Datasheet HTML 8Page - Siemens Semiconductor Group Q62702G62 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CGY 184
Siemens Aktiengesellschaft
2
23.07.97
HL HF PE GaAs
Functional block diagram
Pin #
Configuration
1n. c.
2
Vcon
Control voltage for power ramping
3PIN
RF-input
4VD1
Drain voltage 1st stage
5
Gnd1
Ground pin 1st stage
6
Gnd2
Ground pin 2nd stage
7VD2
Drain voltage 2nd stage
8VD3
Drain voltage 3rd stage
9,10,11
POUT/VD4
Drain voltage 4th stage and RF-output
12
n. c.
13
n. c.
14
n. c.
15
Vneg
Block capacitor negativ voltage generator
16
n. c.
(17)
GND3
Ground (backside of MW16 housing)
VD2(7)
Pout/VD4 (9,10,11
VD1(4)
Vc
on
(2
)
Vneg(15)
Pin(3)
control circuit
GND1(5)
VD3(8)
GND3(17)
GND2(6)
Semiconductor Group
2
1998-11-01


Similar Part No. - Q62702G62

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702G63 SIEMENS-Q62702G63 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
More results

Similar Description - Q62702G62

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY0918 SIEMENS-CGY0918 Datasheet
42Kb / 4P
   GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
269Kb / 3P
   GaAs MMIC Power Amplifier, 2.0 W
AM42-0007-DIE MA-COM-AM42-0007-DIE_15 Datasheet
891Kb / 4P
   GaAs MMIC Power Amplifier, 2.0 W
logo
Fairchild Semiconductor
RMPA2451 FAIRCHILD-RMPA2451 Datasheet
489Kb / 7P
   2.4-2.5 GHz GaAs MMIC Power Amplifier
RMPA2450 FAIRCHILD-RMPA2450 Datasheet
155Kb / 6P
   2.4-2.5 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
logo
Analog Devices
HMC1121 AD-HMC1121 Datasheet
390Kb / 15P
   4 W, GaAs, pHEMT, MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com