Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP60F4DPM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJP60F4DPM
Description  600 V - 30 A - IGBT High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP60F4DPM Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJP60F4DPM Datasheet HTML 1Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 2Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 3Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 4Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 5Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 6Page - Renesas Technology Corp RJP60F4DPM Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJP60F4DPM
Preliminary
R07DS0586EJ0100 Rev.1.00
Page 4 of 6
Nov 25, 2011
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
800
600
400
200
0
0
16
12
8
4
0
20
40
60
80
100
IC = 30 A
VGE
VCE
VCE = 600 V
300 V
VCE = 600 V
300 V
1
10
100
1000
10000
0
50150
100
200
250
300
Typical Capacitance vs.
Colloctor to Emitter Voltage
Colloctor to Emitter Voltage VCE (V)
Cies
Coes
Cres
VGE = 0 V
f = 1 MHz
Ta = 25°C
0
50
25
150
75
125
100
0
50
25
150
75
125
100
800
400
1600
1200
0
120
80
40
240
200
160
0
Switching Characteristics (Typical) (3)
100
1000
10
td(off)
td(on)
tf
tr
Junction Temperature Tj (°C)
(Inductive load)
Junction Temperature Tj (°C)
(Inductive load)
Switching Characteristics (Typical) (4)
Eoff
Eon
1
10
200
100
10
1000
100
100000
10000
1
10
100
Collector Current IC (A)
(Inductive load)
Eoff
Eon
Switching Characteristics (Typical) (1)
Switching Characteristics (Typical) (2)
Collector Current IC (A)
(Inductive load)
VCC = 400 V, VGE = 15 V
Rg = 5
Ω, Tj = 150°C
tr includes the diode recovery
VCC = 400 V, VGE = 15 V
Rg = 5
Ω, Tj = 150°C
Eon includes the diode recovery
VCC = 400 V, VGE = 15 V
IC = 30 A, Rg = 5 Ω
Eon includes the diode recovery
VCC = 400 V, VGE = 15 V
IC = 30 A, Rg = 5 Ω
tr includes the diode recovery
td(off)
td(on)
tf
tr


Similar Part No. - RJP60F4DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60F4DPM RENESAS-RJP60F4DPM_15 Datasheet
85Kb / 7P
   600 V - 30 A - IGBT High Speed Power Switching
More results

Similar Description - RJP60F4DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F4DPQ-A0 RENESAS-RJH60F4DPQ-A0_15 Datasheet
88Kb / 8P
   600 V - 30 A - IGBT High Speed Power Switching
RJP60F4DPM RENESAS-RJP60F4DPM_15 Datasheet
85Kb / 7P
   600 V - 30 A - IGBT High Speed Power Switching
RJH60F5DPQ-A0 RENESAS-RJH60F5DPQ-A0_15 Datasheet
94Kb / 8P
   600 V - 40 A - IGBT High Speed Power Switching
RJH6086BDPK RENESAS-RJH6086BDPK_15 Datasheet
100Kb / 8P
   600 V - 45 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE_15 Datasheet
87Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F3DPQ-A0 RENESAS-RJH60F3DPQ-A0 Datasheet
94Kb / 8P
   600 V - 20 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE Datasheet
87Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0_15 Datasheet
95Kb / 8P
   600 V - 25 A - IGBT High Speed Power Switching
RJH60F6DPQ-A0 RENESAS-RJH60F6DPQ-A0_15 Datasheet
95Kb / 8P
   600 V - 45 A - IGBT High Speed Power Switching
RJP60F0DPM RENESAS-RJP60F0DPM_15 Datasheet
86Kb / 7P
   600 V - 25 A - IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com