Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP63K2DPK-M0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP63K2DPK-M0
Description  Silicon N Channel IGBT High speed power switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP63K2DPK-M0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP63K2DPK-M0 Datasheet HTML 1Page - Renesas Technology Corp RJP63K2DPK-M0 Datasheet HTML 2Page - Renesas Technology Corp RJP63K2DPK-M0 Datasheet HTML 3Page - Renesas Technology Corp RJP63K2DPK-M0 Datasheet HTML 4Page - Renesas Technology Corp RJP63K2DPK-M0 Datasheet HTML 5Page - Renesas Technology Corp RJP63K2DPK-M0 Datasheet HTML 6Page - Renesas Technology Corp RJP63K2DPK-M0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJP63K2DPK-M0
Preliminary
R07DS0469EJ0200 Rev.2.00
Page 3 of 6
Jun 15, 2011
Main Characteristics
Collector Current IC (A)
Collector to Emitter Saturation Voltage
vs. Collector Current (Typical)
0.1
1
10
1
10
100
25°C
−25°C
Tc = 75
°C
VGE = 15 V
Pulse Test
Typical Transfer Characteristics
0
10
20
30
40
50
02468
10
VCE = 10 V
Pulse Test
Gate to Emitter Voltage VGE (V)
25°C
−25°C
Tc = 75
°C
0
0
4
8
12
20
16
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
120 A
80 A
IC = 35 A
Gate to Emitter Voltage VGE (V)
0
4
2
6
8
10
Ta = 25°C
Pulse Test
Typical Output Characteristics
100
80
60
40
20
2468
10
Ta = 25°C
Pulse Test
10 V
15 V
0
0
6 V
6.5 V
7 V
7.5 V
8.5 V
8 V
9 V
V
GE = 5.5 V
Collector to Emitter Voltage VCE (V)
Maximum Safe Operation Area
Collector to Emitter Voltage VCE (V)
1000
100
10
0.1
1
10
100
1
0.01
0.1
1000
10
μs
Ta = 25°C
1 shot pulse
PW
=
100
μs


Similar Part No. - RJP63K2DPK-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP63K2DPP-M0 RENESAS-RJP63K2DPP-M0 Datasheet
151Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJP63K2DPK-M0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com