Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKD705WKKR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKD705WKKR
Description  Silicon Epitaxial Schottky Barrier Diode for Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKD705WKKR Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKD705WKKR Datasheet HTML 1Page - Renesas Technology Corp RKD705WKKR Datasheet HTML 2Page - Renesas Technology Corp RKD705WKKR Datasheet HTML 3Page - Renesas Technology Corp RKD705WKKR Datasheet HTML 4Page - Renesas Technology Corp RKD705WKKR Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKD705WKKR
Preliminary
R07DS0330EJ0100 Rev.1.00
Page 3 of 4
Apr 06, 2011
Main Characteristics
0.2
0.4
0.6
0.1
0.5
0.3
Pulse test
10
–4
10
–5
10
–3
10
–6
10
–2
10
–7
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
0
0
10
20
30
40
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
10
–8
10
–7
10
–6
10
–5
Pulse test
10
0.1
100
10
1
0.1
f=1MHz
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
0.7 0.8 0.9
10
–1
1


Similar Part No. - RKD705WKKR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKD700KJ RENESAS-RKD700KJ Datasheet
53Kb / 5P
   Silicon Schottky Barrier Diode for Backflow prevention
RKD700KK RENESAS-RKD700KK Datasheet
54Kb / 5P
   Silicon Schottky Barrier Diode for Backflow prevention
RKD700KL RENESAS-RKD700KL Datasheet
55Kb / 5P
   Silicon Schottky Barrier Diode for Backflow prevention
RKD701KN RENESAS-RKD701KN Datasheet
163Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
RKD702KL RENESAS-RKD702KL Datasheet
66Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
More results

Similar Description - RKD705WKKR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSN278WK RENESAS-HSN278WK Datasheet
159Kb / 5P
   Silicon Epitaxial Schottky Barrier Diode for Detector
HSL278 RENESAS-HSL278 Datasheet
145Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSL285 RENESAS-HSL285 Datasheet
54Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSL276A RENESAS-HSL276A Datasheet
144Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSD276A RENESAS-HSD276A Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSC278 RENESAS-HSC278 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSD278 RENESAS-HSD278 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode for Detector
HSB278S RENESAS-HSB278S Datasheet
78Kb / 5P
   Silicon Schottky Barrier Diode for Detector
logo
Hitachi Semiconductor
HSD276A HITACHI-HSD276A Datasheet
37Kb / 5P
   Silicon Schottky Barrier Diode for Detector
logo
Renesas Technology Corp
HSC285 RENESAS-HSC285_06 Datasheet
52Kb / 5P
   Silicon Schottky Barrier Diode for Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com