Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKR0103ASKR Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKR0103ASKR
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKR0103ASKR Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKR0103ASKR Datasheet HTML 1Page - Renesas Technology Corp RKR0103ASKR Datasheet HTML 2Page - Renesas Technology Corp RKR0103ASKR Datasheet HTML 3Page - Renesas Technology Corp RKR0103ASKR Datasheet HTML 4Page - Renesas Technology Corp RKR0103ASKR Datasheet HTML 5Page - Renesas Technology Corp RKR0103ASKR Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RKR0103ASKR
PP
R07DS0566EJ0100 Rev.1.00
Page 4 of 5
Jan 12, 2012
75
100
25
50
0125
0.1
0.08
0.06
0
0.04
0.02
–25
Sin(
θ=180°)
DC
0.06
0.04
0
0.02
0
0.02
0.08
D=1/6
D=1/3
D=1/2
0.04
0.06
0.1
Sin
0.6
0.5
0.3
0.2
0.1
40
30
20
10
0
0
D=1/2
D=2/3
D=5/6
0.4
Sin
0.12
0.1
0.08
DC
D=1/2
D=1/3
D=1/6
VR = 10V
Tj = 125
°C
Rth(j-a) = 700
°C/W
t
T
0A
D = —
T
t
t
T
0V
D = —
T
t
Ta= 25
°C
Tj = 125
°C
Fig.5 Reverse power dissipation vs. Reverse voltage
Reverse voltage VR (V)
Forward current IF (A)
Fig.4 Forward power dissipation vs. Forward current
Ambient temperature Ta (
°C)
Fig.6 Average rectified current vs. Ambient temperature


Similar Part No. - RKR0103ASKR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKR0103AWAKR RENESAS-RKR0103AWAKR Datasheet
81Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0103AYPKQ RENESAS-RKR0103AYPKQ Datasheet
82Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - RKR0103ASKR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com