Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQA0004PXDQS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RQA0004PXDQS
Description  Silicon N-Channel MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0004PXDQS Datasheet(HTML) 1 Page - Renesas Technology Corp

  RQA0004PXDQS_11 Datasheet HTML 1Page - Renesas Technology Corp RQA0004PXDQS_11 Datasheet HTML 2Page - Renesas Technology Corp RQA0004PXDQS_11 Datasheet HTML 3Page - Renesas Technology Corp RQA0004PXDQS_11 Datasheet HTML 4Page - Renesas Technology Corp RQA0004PXDQS_11 Datasheet HTML 5Page - Renesas Technology Corp RQA0004PXDQS_11 Datasheet HTML 6Page - Renesas Technology Corp RQA0004PXDQS_11 Datasheet HTML 7Page - Renesas Technology Corp RQA0004PXDQS_11 Datasheet HTML 8Page - Renesas Technology Corp RQA0004PXDQS_11 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
R07DS0418EJ0300 Rev.3.00
Page 1 of 14
Sep 09, 2011
Preliminary Datasheet
RQA0004PXDQS
Silicon N-Channel MOS FET
Features
 High Output Power, High Efficiency
Pout = +29.7 dBm, PAE = 68% (f = 520 MHz)
 Compact package capable of surface mounting
Outline
1. Gate
2. Source
3. Drain
4. Source
1
3
2, 4
1
2
3
4
RENESAS Package code: PLZZ0004CA-A
(Package Name : UPAK)
Note:
Marking is “PX”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
16
V
Gate to source voltage
VGSS
±5
V
Drain current
ID
0.3
A
Channel dissipation
Pch
note
3
W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Note: Value at Tc = 25
C
This Device is sensitive to Electro Static Discharge. An Adequate careful handling procedure is requested.
R07DS0418EJ0300
Rev.3.00
Sep 09, 2011


Similar Part No. - RQA0004PXDQS_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0004PXDQS RENESAS-RQA0004PXDQS_12 Datasheet
184Kb / 19P
   Silicon N-Channel MOS FET
RQA0004PXDQS RENESAS-RQA0004PXDQS_15 Datasheet
184Kb / 19P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0004PXDQS_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com