Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89855U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89855U
Description  Precision Low Power Differential LVPECL 4:1
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89855U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89855U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89855U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89855U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89855U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89855U_10 Datasheet HTML 9Page - Micrel Semiconductor SY89855U_10 Datasheet HTML 10Page - Micrel Semiconductor SY89855U_10 Datasheet HTML 11Page - Micrel Semiconductor SY89855U_10 Datasheet HTML 12Page - Micrel Semiconductor SY89855U_10 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
SY89855U
August 2007
9
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
Single-Ended and Differential Swings
Figure 1a. Single-Ended Voltage Swing
Figure 1b. Differential Voltage Swing
Timing Diagram
IN-to-Q Timing Diagram
SEL-to-Q Timing Diagram


Similar Part No. - SY89855U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89855UMG MICREL-SY89855UMG Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY89855UMGTR MICREL-SY89855UMGTR Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
More results

Similar Description - SY89855U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89854U MICREL-SY89854U_10 Datasheet
520Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout
SY898533L MICREL-SY898533L Datasheet
484Kb / 11P
   Precision Differential 3.3V Low Skew LVPECL 1:4 Fanout Buffer
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY89858U MICREL-SY89858U_10 Datasheet
583Kb / 10P
   Precision Low Power 1:8 LVPECL
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY898531L MICREL-SY898531L Datasheet
438Kb / 12P
   Precision Differential 3.3V Low Skew LVPECL 1:9 Fanout Buffer
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
   Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
SY89852U MICREL-SY89852U_10 Datasheet
514Kb / 13P
   Precision Low Power Differential 2:1
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com